Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7243 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICM7243
Description  8-Character, Microprocessor-Compatible, LED Display Decoder Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7243 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICM7243_05 Datasheet HTML 6Page - Intersil Corporation ICM7243_05 Datasheet HTML 7Page - Intersil Corporation ICM7243_05 Datasheet HTML 8Page - Intersil Corporation ICM7243_05 Datasheet HTML 9Page - Intersil Corporation ICM7243_05 Datasheet HTML 10Page - Intersil Corporation ICM7243_05 Datasheet HTML 11Page - Intersil Corporation ICM7243_05 Datasheet HTML 12Page - Intersil Corporation ICM7243_05 Datasheet HTML 13Page - Intersil Corporation ICM7243_05 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN3162.3
October 28, 2005
FIGURE 12. ICM7243B 14-SEGMENT CHARACTER FONT WITH DECIMAL POINT
FIGURE 13. SEGMENT AND CHARACTER DRIVERS OUTPUT CIRCUIT
Display Font and Segment Assignments (Continued)
00
01
D5, D410
11
D3
0000000011111111
D2
0000111100001111
D1
0011001100110011
D0
0101010101010101
NOTE: Segments a and d appear as 2 segments each, but both halves are driven together.
g1
g2
k
ml
f
e
b
c
a1
hj
i
a2
d2
d1
g1
g2
k
m
f
e
b
c
hj
i
a
d1
DP
l
d
VDD
SEGMENT
DRIVER
R
CHARACTER
DRIVER
RDS(ON) ~ 4ÞΩ
VSS
CHAR N
SEGMENT LEDs
SEG x
DISPLAY
VLED = 1.6V
RTYPICAL = 100µ
ICM7243
ICM7243


Similar Part No. - ICM7243_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243A INTERSIL-ICM7243A Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7243AIJL INTERSIL-ICM7243AIJL Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7243AIJL INTERSIL-ICM7243AIJL Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7243AIM44Z INTERSIL-ICM7243AIM44Z Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243AIM44Z INTERSIL-ICM7243AIM44Z Datasheet
423Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
More results

Similar Description - ICM7243_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
logo
Renesas Technology Corp
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
401Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver
October 29, 2013
ICM7243BlPL INTERSIL-ICM7243BlPL Datasheet
423Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com