Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C10W-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZX84C10W-7-F
Description  200mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C10W-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  BZX84C10W-7-F Datasheet HTML 1Page - Diodes Incorporated BZX84C10W-7-F Datasheet HTML 2Page - Diodes Incorporated BZX84C10W-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30066 Rev. 13 - 2
3 of 3
www.diodes.com
BZX84C2V4W - BZX84C39W
© Diodes Incorporated
T , AMBIENT TEMPERATURE, (°C)
Fig. 1. Power Derating Curve
A
200
100
0
300
0
100
200
0
10
20
30
40
50
0
1
2
3
456
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
5.0mA
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3. Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
C39
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4. Total Capacitance vs Nominal Zener Voltage
Z
T = 25 °C
j
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Similar Part No. - BZX84C10W-7-F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C10W PANJIT-BZX84C10W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZX84C10W LUGUANG-BZX84C10W Datasheet
249Kb / 3P
   Zener Diode
logo
Diodes Incorporated
BZX84C10W DIODES-BZX84C10W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Yea Shin Technology Co....
BZX84C10W YEASHIN-BZX84C10W Datasheet
755Kb / 3P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX84C10W MCC-BZX84C10W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
More results

Similar Description - BZX84C10W-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com