Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J210 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # J210
Description  N-channel field-effect transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J210 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button J210 Datasheet HTML 2Page - NXP Semiconductors J210 Datasheet HTML 3Page - NXP Semiconductors J210 Datasheet HTML 4Page - NXP Semiconductors J210 Datasheet HTML 5Page - NXP Semiconductors J210 Datasheet HTML 6Page - NXP Semiconductors J210 Datasheet HTML 7Page - NXP Semiconductors J210 Datasheet HTML 8Page - NXP Semiconductors J210 Datasheet HTML 9Page - NXP Semiconductors J210 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Dec 01
6
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
Fig.6 Input characteristics; typical values.
J210.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
−2.5
0
−0.5
8
6
2
0
4
−1.5
−1
−2
MGM281
ID
(mA)
VGS (V)
Fig.7 Output characteristics; typical values.
J211.
Tj =25 °C.
handbook, halfpage
010
20
0
4
MGM282
8
12
16
2468
ID
(mA)
VDS (V)
VGS = 0 V
−200 mV
−400 mV
−600 mV
−800 mV
−1 V
−1.4 V
−1.2 V
Fig.8 Input characteristics; typical values.
J211.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
−6
−4
−20
20
0
16
12
8
4
MGM283
ID
(mA)
VGS (V)
Fig.9 Output characteristics; typical values.
J212.
Tj =25 °C.
handbook, halfpage
010
24
0
8
16
2
468
MGM284
ID
(mA)
VDS (V)
VGS = 0 V
−200 mV
−400 mV
−600 mV
−800 mV
−1 V
−1.4 V
−1.2 V


Similar Part No. - J210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
logo
Calogic, LLC
J210 CALOGIC-J210 Datasheet
22Kb / 2P
   N-Channel JFET
logo
Linear Integrated Syste...
J210 LINEAR-J210 Datasheet
15Kb / 1P
   LOW NOISE N-CHANNEL J-FET GENERAL PURPOSE AMPLIFIER
logo
List of Unclassifed Man...
J210 ETC1-J210 Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
J210 NJSEMI-J210 Datasheet
144Kb / 1P
   GENERAL PURPOSE AMPS
More results

Similar Description - J210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBFJ210 PHILIPS-PMBFJ210 Datasheet
100Kb / 12P
   N-channel field-effect transistors
1997 Dec 01
logo
Quanzhou Jinmei Electro...
BFR30-31_2015 JMNIC-BFR30-31_2015 Datasheet
83Kb / 12P
   N-channel field-effect transistors
BFR30-31 JMNIC-BFR30-31_15 Datasheet
83Kb / 12P
   N-channel field-effect transistors
logo
New Jersey Semi-Conduct...
2N4445 NJSEMI-2N4445 Datasheet
69Kb / 1P
   N-Channel Field Effect Transistors
logo
NXP Semiconductors
PMBF5484 PHILIPS-PMBF5484 Datasheet
96Kb / 10P
   N-channel field-effect transistors
April 1995
BFR30 PHILIPS-BFR30 Datasheet
93Kb / 12P
   N-channel field-effect transistors
1997 Dec 05
logo
List of Unclassifed Man...
SO4393 ETC1-SO4393 Datasheet
33Kb / 1P
   N CHANNEL FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
Siemens Semiconductor G...
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com