Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-0549-5 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI3-0549-5
Description  Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0549-5 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI3-0549-5 Datasheet HTML 7Page - Intersil Corporation HI3-0549-5 Datasheet HTML 8Page - Intersil Corporation HI3-0549-5 Datasheet HTML 9Page - Intersil Corporation HI3-0549-5 Datasheet HTML 10Page - Intersil Corporation HI3-0549-5 Datasheet HTML 11Page - Intersil Corporation HI3-0549-5 Datasheet HTML 12Page - Intersil Corporation HI3-0549-5 Datasheet HTML 13Page - Intersil Corporation HI3-0549-5 Datasheet HTML 14Page - Intersil Corporation HI3-0549-5 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FIGURE 2C. IS(OFF) TEST CIRCUIT (NOTE 9)
FIGURE 2D. ID(ON) TEST CIRCUIT (NOTE 9)
NOTE:
9. Two measurements per channel:
±10V and
10V. (Two measurements per device for ID(OFF): ±10V and
10V.)
FIGURE 2. LEAKAGE CURRENTS
FIGURE 3A. ANALOG INPUT CURRENT AND OUTPUT OFF
LEAKAGE CURRENT vs ANALOG INPUT
OVER-VOLTAGE
FIGURE 3B. TEST CIRCUIT
FIGURE 3. ANALOG INPUT OVERVOLTAGE CHARACTERISTICS
FIGURE 4A. ON CHANNEL CURRENT vs VOLTAGE
FIGURE 4B. TEST CIRCUIT
FIGURE 4. ON CHANNEL CURRENT
Test Circuits and Waveforms TA = 25oC, VSUPPLY = ±15V, VAH = 4V, VAL = 0.8V, VREF = Open, Unless Otherwise Specified (Continued)
10V
±10V
+0.8V
EN
A
OUT
IS(OFF)
A
OUT
ID(ON)
10V
±10V
4V
EN
15
18
21
24
27
30
33
36
ANALOG INPUT OVERVOLTAGE (
±V)
18
15
12
9
0
6
3
5
4
3
2
1
0
ANALOG INPUT
CURRENT (IIN)
OUTPUT OFF LEAKAGE
CURRENT ID(OFF)
ID(OFF)
A
±VIN
A
IIN
0
2
4
6
8
10
12
14
0
±14
±12
±10
±8
±6
±4
±2
VOLTAGE ACROSS SWITCH (
±V)
-55oC
25oC
125oC
A
±VIN
HI-546, HI-547, HI-548, HI-549


Similar Part No. - HI3-0549-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0549-5 INTERSIL-HI3-0549-5 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
HI3-0549-5 INTERSIL-HI3-0549-5 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
More results

Similar Description - HI3-0549-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com