Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7228CIBIZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7228CIBIZ
Description  8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7228CIBIZ Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7228CIBIZ Datasheet HTML 1Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 2Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 3Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 4Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 5Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 6Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 7Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 8Page - Intersil Corporation ICM7228CIBIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
ICM7228
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD - VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V
Digit Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA
Segment Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Input Voltage (Note 1) (Any Terminal) . . (VSS-0.3V)<VIN<(VDD+0.3V)
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater than VDD
or less then VSS may cause destructive device latchup. For this reason, it is recommended that no inputs row sources operating on a different
power supply be applied to the device before its own supply is established, and when using multiple supply systems the supply to the ICM7228
should be turned on first.
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details.
Electrical Specifications
VDD = +5.0V ±10%, VSS = 0V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TA = 25
oC-40oC TO 85oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Supply Voltage Range, VSUPPLY
Operating
4
-
6
4
-
6
V
Power Down Mode
2
-
-
2
-
-
Quiescent Supply Current, IQ
Shutdown, ICM7228A, IMC7228B
-
1
100
-
1
100
µA
Shutdown, 7228C
-
2.5
100
-
2.5
100
Operating Supply Current, IDD
Common Anode, ICM7228A/C
Segments = ON; Outputs = OPEN
-
200
450
-
200
450
µA
Common Anode, ICM7228A/C
Segments = OFF; Outputs = OPEN
-
100
450
-
100
450
Common Cathode, ICM7228B
Segments = ON; Outputs = OPEN
-
250
450
-
250
450
Common Cathode, ICM7228B
Segments = OFF; Outputs = OPEN
-
175
450
-
175
450
Digit Drive Current, IDIG
Common Anode, ICM7228A/C
VOUT = VDD - 2.0V
200
-
-
175
-
-
mA
Common Cathode, ICM7228B
VOUT = VSS + 1.0V
50
--
40
--
Digit Leakage Current, IDLK
Shutdown Mode, VOUT = 2.0V
Common Anode, ICM7228A/C
-
1
100
-
1
100
µA
Shutdown Mode, VOUT = 5.0V
Common Cathode, 7228B
-
1
100
-
1
100
Peak Segment Drive Current, ISEG
Common Anode, ICM7228A/C
VOUT = VSS + 1.0V
20
25
-
20
-
-
mA
Common Cathode, 7228B
VOUT = VDD - 2.0V
10
12
-
10
-
-
Segment Leakage Current, ISLK
Shutdown Mode, VOUT = VDD
Common Anode, ICM7228A/C
-
1
50
-
1
50
µA
Shutdown Mode, VOUT = VSS
Common Cathode, ICM7228B
-
1
50
-
1
50


Similar Part No. - ICM7228CIBIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228CIBIZ INTERSIL-ICM7228CIBIZ Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7228CIBIZ RENESAS-ICM7228CIBIZ Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
More results

Similar Description - ICM7228CIBIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com