Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7216BLPL Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICM7216BLPL
Description  8-Digit, Multi-Function, Frequency Counters/Timers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7216BLPL Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICM7216BLPL Datasheet HTML 2Page - Intersil Corporation ICM7216BLPL Datasheet HTML 3Page - Intersil Corporation ICM7216BLPL Datasheet HTML 4Page - Intersil Corporation ICM7216BLPL Datasheet HTML 5Page - Intersil Corporation ICM7216BLPL Datasheet HTML 6Page - Intersil Corporation ICM7216BLPL Datasheet HTML 7Page - Intersil Corporation ICM7216BLPL Datasheet HTML 8Page - Intersil Corporation ICM7216BLPL Datasheet HTML 9Page - Intersil Corporation ICM7216BLPL Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Timing Diagram
MEASUREMENT
IN PROGRESS
(INTERNAL ON
7216B)
30ms TO 40ms
INTERNAL
STORE
INTERNAL
RESET
INPUT A
INPUT B
PRIMING EDGES
PRIMING
FUNCTION:
TIME INTERVAL
UPDATE
190ms TO 200ms
40ms
60ms
40ms
MEASUREMENT INTERVAL
250ns MIN
MEASURED
INTERVAL
(FIRST)
MEASURED
INTERVAL
(LAST)
UPDATE
NOTE:
5. If range is set to 1 event, first and last measured interval will coincide.
FIGURE 1. WAVEFORMS FOR TIME INTERVAL MEASUREMENT (OTHERS ARE SIMILAR, BUT WITHOUT PRIMING PHASE)
Typical Performance Curves
FIGURE 2. fA(MAX), fB(MAX) AS A FUNCTION OF SUPPLY
FIGURE 3. TYPICAL ISEG vs VDD-VOUT
fA (MAX) FREQUENCY UNIT COUNTER,
FREQUENCY RATIO MODES
fA (MAX) fB (MAX) PERIOD,
TIME INTERVAL MODES
TA = 25
oC
VDD-VSS (V)
20
15
10
5
0
34
5
6
85oC
-20oC
4.5
≤ VDD ≤ 6V
30
20
10
0
0
123
VDD-VOUT (V)
25oC
ICM7216B, ICM7216D


Similar Part No. - ICM7216BLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Harris Corporation
ICM7216BLPL HARRIS-ICM7216BLPL Datasheet
191Kb / 17P
   8-Digit Multi-Function Frequency Counter/Timer
logo
Renesas Technology Corp
ICM7216BlPl RENESAS-ICM7216BlPl Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
More results

Similar Description - ICM7216BLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
   8-Digit Multi-Function Frequency Counter/Timer
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
logo
List of Unclassifed Man...
A109156120H ETC2-A109156120H Datasheet
71Kb / 2P
   Timers Multi-function
logo
National Semiconductor ...
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Intersil Corporation
ICM7207 INTERSIL-ICM7207_1 Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com