Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7249IPM Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICM7249IPM
Description  5 1/2 Digit LCD, Micro-Power Event/Hour Meter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7249IPM Datasheet(HTML) 7 Page - Intersil Corporation

  ICM7249IPM Datasheet HTML 1Page - Intersil Corporation ICM7249IPM Datasheet HTML 2Page - Intersil Corporation ICM7249IPM Datasheet HTML 3Page - Intersil Corporation ICM7249IPM Datasheet HTML 4Page - Intersil Corporation ICM7249IPM Datasheet HTML 5Page - Intersil Corporation ICM7249IPM Datasheet HTML 6Page - Intersil Corporation ICM7249IPM Datasheet HTML 7Page - Intersil Corporation ICM7249IPM Datasheet HTML 8Page - Intersil Corporation ICM7249IPM Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
29
Detailed Description
As the Functional Diagram shows the device consists of the
following building blocks:
• A 32.768kHz crystal oscillator with the associated dividers
to generate timebase signals for periods of 1s (frequency
of 1Hz), 6s (1/10 min) and 36s (1/100 hour), and 32Hz
signal for LCD drivers.
• A debounce/high-pass detect circuit for the S/S (Start/Stop)
input.
• A chain of cascaded decade counters, 3 decade counters
for prescaling and 51/2 BCD decade counters for display
driving.
• Display control circuitry and BCD to 7-segment decoder/
drivers.
• A control decoder to select different modes of operation.
This is done by routing different signals to the different
points in the chain of decade counters.
The control decoder has 4 inputs for selecting 16 possible
modes of operation, numbered 0 to 15. The 16 modes are
selected by placing the binary equivalent of the mode num-
ber on inputs C0 to C3. Table 2 shows the control inputs and
the modes of operation.
After applying power, the ICM7249 requires a rise time of tr
to become active and for oscillation to begin, as shown in
Figure 1. The BP (backplane) output changes state once
every 512 cycles of the crystal oscillator, resulting in a
square wave of 32Hz. The display segments drive signal has
the same level and frequency as BP. Segments are off when
in phase with BP and are on when out of phase with BP.
A non-multiplexed LCD display is used because it is more
stable over temperature and allows many standard LCD
displays to be used.
Timer Mode of Operation
In modes 0 to 3 the device functions as an interval timer. In
this mode, one of the timebase signals will be routed to the
decade counters at a proper point in the chain. Depending
on the selected mode the display will be incremented at 0.1
min, 0.01 hour, 0.1 hour or 1 hour rates.
Control of timing function is handled by the S/S input. There
is a high-pass filtering effect on the S/S input in timer modes.
Referring to Figure 2, timing is active when either S/S is held
high for more than 12.5ms, or if input frequency is 50Hz to
120kHz. Driving S/S with a frequency between 40Hz to 50Hz
has an indeterminate effect on timing and should be
avoided. Note that the tHP intervals shown on Figure 1 are
also applied to the intervals when the S/S input is low.
Counter Mode of Operation
In modes 4 to 11 the device functions as an event counter or
totalizer. In this mode the S/S input will be routed to the decade
counters at a proper point in the chain. Each positive transition
of the S/S will be registered as one count. Depending on the
selected mode, the display will be incremented by each pulse,
every 10 pulses, every 100 pulses or every 1000 pulses.
In counter modes 4, 6, 8 and 10 the S/S input is subjected to
31
91
Seven-Segment LCD Output.
32
e1
Seven-Segment LCD Output.
33
d1
Seven-Segment LCD Output.
34
c1
Seven-Segment LCD Output.
35
b1
Seven-Segment LCD Output.
36
a1
Seven-Segment LCD Output.
37
W
Wink-Segment Output.
38
BP
Backplane for LCD Reference.
39
VDD
Positive Supply Voltage.
40
OSC IN
Quartz Crystal Connection.
41
OSC OUT
Quartz Crystal Connection.
42
GND
Supply GRouND.
43
C0
Mode-select Control Input.
44
C1
Mode-select Control Input.
45
C2
Mode-select Control Input.
46
C3
Mode-select Control Input.
47
S/S
Start/Stop Input.
48
DT
Display Test Input.
TABLE 1. MODE SELECT TABLE
MODE
CONTROL PIN INPUTS
FUNCTION
C3
C2
C1
C0
0
0000
1 Hour Interval Timer
1
0001
0.1 Hour Interval Timer
2
0010
0.01 Hour Interval Timer
3
0011
0.1 Minute Interval Timer
4
0100
1’s Counter with Debounce
5
0101
1’s Counter
6
0110
10’s Counter with Debounce
7
0111
10’s Counter
8
1000
100’s Counter with Debounce
9
1001
100’s Counter
10
1010
1000’s Counter with Debounce
11
1011
1000’s counter
12
1100
Test Display Digits
13
1101
Internal Test
14
1110
Internal Test
15
1111
Reset
PIN
NAME
DESCRIPTION
ICM7249


Similar Part No. - ICM7249IPM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7249IPM INTERSIL-ICM7249IPM Datasheet
49Kb / 9P
   51/2 Digit LCD, Micro-Power Event/Hour Meter
More results

Similar Description - ICM7249IPM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249 Datasheet
49Kb / 9P
   51/2 Digit LCD, Micro-Power Event/Hour Meter
logo
Murata Manufacturing Co...
DM-3100X MURATA-DM-3100X Datasheet
1Mb / 6P
   3-1/2 Digit Micropowered LCD Digital Panel Meter
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
logo
Cyrustek corporation
ES5129 CYRUSTEK-ES5129 Datasheet
674Kb / 12P
   4-1/2 digit with LCD
logo
Murata Manufacturing Co...
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
   3-1/2 Digit Miniature Digital Panel Meter
logo
List of Unclassifed Man...
205-P ETC2-205-P Datasheet
714Kb / 2P
   3 1/2 DIGIT MINI-SIZE PROCESS METER
DPM2 ETC1-DPM2 Datasheet
53Kb / 2P
   3 1/2 Digit Subminiature LCD Module
logo
Murata Manufacturing Co...
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
   3-1/2 Digit Low Cost Digital Panel Meter
logo
List of Unclassifed Man...
DM-4101N ETC1-DM-4101N Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
logo
Murata Manufacturing Co...
DM-2115 MURATA-DM-2115 Datasheet
1Mb / 5P
   Miniature 3-1/2 Digit AC-Powered Panel Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com