Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4080 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP4080
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP4080_03 Datasheet HTML 1Page - Intersil Corporation HIP4080_03 Datasheet HTML 2Page - Intersil Corporation HIP4080_03 Datasheet HTML 3Page - Intersil Corporation HIP4080_03 Datasheet HTML 4Page - Intersil Corporation HIP4080_03 Datasheet HTML 5Page - Intersil Corporation HIP4080_03 Datasheet HTML 6Page - Intersil Corporation HIP4080_03 Datasheet HTML 7Page - Intersil Corporation HIP4080_03 Datasheet HTML 8Page - Intersil Corporation HIP4080_03 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Typical Application (Hysteresis Mode Switching)
6V
80V
12V
12V
DIS
IN
GND
6V
GND
+
-
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
HEN
DIS
VSS
OUT
IN+
HDEL
IN-
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
LOAD
HIP4080
HIP4080


Similar Part No. - HIP4080_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4080AIB INTERSIL-HIP4080AIB Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results

Similar Description - HIP4080_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4081AIBT INTERSIL-HIP4081AIBT Datasheet
720Kb / 16P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIP INTERSIL-HIP4081AIP Datasheet
482Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
September 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com