Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4080IB Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4080IB
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080IB Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4080IB Datasheet HTML 1Page - Intersil Corporation HIP4080IB Datasheet HTML 2Page - Intersil Corporation HIP4080IB Datasheet HTML 3Page - Intersil Corporation HIP4080IB Datasheet HTML 4Page - Intersil Corporation HIP4080IB Datasheet HTML 5Page - Intersil Corporation HIP4080IB Datasheet HTML 6Page - Intersil Corporation HIP4080IB Datasheet HTML 7Page - Intersil Corporation HIP4080IB Datasheet HTML 8Page - Intersil Corporation HIP4080IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
February, 2003
HIP4080
80V/2.5A Peak, High Frequency
Full Bridge FET Driver
The HIP4080 is a high frequency, medium voltage Full Bridge
N-Channel FET driver IC, available in 20 lead plastic SOIC and
DIP packages. The HIP4080 includes an input comparator,
used to facilitate the “hysteresis” and PWM modes of operation.
Its HEN (high enable) lead can force current to freewheel in the
bottom two external power MOSFETs, maintaining the upper
power MOSFETs off. Since it can switch at frequencies up to
1MHz, the HIP4080 is well suited for driving Voice Coil Motors,
switching power amplifiers and power supplies.
HIP4080 can also drive medium voltage brush motors, and two
HIP4080s can be used to drive high performance stepper
motors, since the short minimum “on-time” can provide fine
micro-stepping capability.
Short propagation delays of approximately 55ns maximizes
control loop crossover frequencies and dead-times which can
be adjusted to near zero to minimize distortion, resulting in
precise control of the driven load.
The similar HIP4081 IC allows independent control of all 4
FETs in an Full Bridge configuration.
See also, Application Note AN9324 for the HIP4080.
Similar part, HIP4080A, includes under voltage circuitry
which doesn’t require the circuitry shown in Figure 30 of this
data sheet.
Features
• Drives N-Channel FET Full Bridge Including High Side
Chop Capability
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load at 1MHz in Free Air at 50oC with Rise
and Fall Times of 10ns (Typ)
• User-Programmable Dead Time
• Charge-Pump and Bootstrap Maintain Upper Bias
Supplies
• DIS (Disable) Pin Pulls Gates Low
• Input Logic Thresholds Compatible with 5V to 15V Logic
Levels
• Very Low Power Consumption
Applications
• Medium/Large Voice Coil Motors
• Full Bridge Power Supplies
• Switching Power Amplifiers
• High Performance Motor Controls
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
•U.P.S.
Pinout
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
HIP4080IP
-40 to 85
20 Lead PDIP
E20.3
HIP4080IB
-40 to 85
20 Lead SOIC
M20.3
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
BHB
HEN
DIS
VSS
OUT
IN+
HDEL
IN-
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
HIP4080
(20-LEAD PDIP, SOIC)
TOP VIEW
Data Sheet
FN3178.11
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGN
S
POS
SIBL
E SU
BST
ITUT
E PR
ODU
CT
INTE
RSIL
PAR
T NU
MBE
R HI
P40
80A


Similar Part No. - HIP4080IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080IB INTERSIL-HIP4080IB Datasheet
764Kb / 19P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
logo
Renesas Technology Corp
HIP4080IB RENESAS-HIP4080IB Datasheet
1Mb / 21P
   80V/2.5A Peak, High FrequencyFull Bridge FET Driver
February, 2003
More results

Similar Description - HIP4080IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4081AIBT INTERSIL-HIP4081AIBT Datasheet
720Kb / 16P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIP INTERSIL-HIP4081AIP Datasheet
482Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
September 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com