Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7663S Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7663S
Description  CMOS Programmable Micropower Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7663S Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7663S_05 Datasheet HTML 1Page - Intersil Corporation ICL7663S_05 Datasheet HTML 2Page - Intersil Corporation ICL7663S_05 Datasheet HTML 3Page - Intersil Corporation ICL7663S_05 Datasheet HTML 4Page - Intersil Corporation ICL7663S_05 Datasheet HTML 5Page - Intersil Corporation ICL7663S_05 Datasheet HTML 6Page - Intersil Corporation ICL7663S_05 Datasheet HTML 7Page - Intersil Corporation ICL7663S_05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN3180.5
July 21, 2005
Functional Diagram
Sense Pin Input Threshold
VCL
-0.5
-
V
Input-Output Saturation
Resistance (Note 3)
RSAT
V+IN = 2V, IOUT1 = 1mA
-
170
350
V+IN = 9V, IOUT1 = 2mA
-
50
100
V+IN = 15V, IOUT1 = 5mA
-
35
70
Load Regulation
∆V
OUT
∆IOUT
1mA < IOUT2 < 20mA
-
1
3
50
µA < IOUT1 < 5mA
-
2
10
Available Output Current
(VOUT2)
IOUT2
3V
≤ VIN ≤ 16V, VIN - VOUT2 = 1.5V
40
-
-
mA
Negative Tempco Output
(Note 4)
VTC
Open Circuit Voltage
-
0.9
-
V
ITC
Maximum Sink Current
0
8
2.0
mA
Temperature Coefficient
∆V
TC
∆T
Open Circuit
-
+2.5
-
mV/°C
Minimum Load Current
IL(MIN)
Includes VSET Divider
TA = 25°C
-
-
1.0
µA
0°C < TA < 70°C
-
0.2
5.0
µA
-25°C < TA < 85°C
-
0.2
5.0
µA
NOTES:
3. This parameter refers to the saturation resistance of the MOS pass transistor. The minimum input-output voltage differential at low current (under
5mA), can be determined by multiplying the load current (including set resistor current, but not quiescent current) by this resistance.
4. This output has a positive temperature coefficient. Using it in combination with the inverting input of the regulator at VSET, a negative
coefficient results in the output voltage. See Figure 9 for details. Pin will not source current.
5. All pins are designed to withstand electrostatic discharge (ESD) levels in excess of 2000V.
6. All significant improvements over the industry standard ICL7663 are highlighted.
Electrical Specifications
Specifications Below Applicable to Both ICL7663S and ICL7663SA, Unless Otherwise Specified. V+IN = 9V,
VOUT = 5V, TA = 25°C, Unless Otherwise Specified. Notes 4, 5. See Test Circuit, Figure 7 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
C
REF
B
A
VOUT1
VOUT2
SENSE
VSET
VTC
SHUTDOWN
GND
3
2
1
6
7
5
4
V+IN
8
GND
ICL7663S


Similar Part No. - ICL7663S_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7663SACBA INTERSIL-ICL7663SACBA Datasheet
158Kb / 7P
   CMOS Programmable Micropower Positive Voltage Regulator
ICL7663SACBA INTERSIL-ICL7663SACBA Datasheet
220Kb / 8P
   CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
logo
Renesas Technology Corp
ICL7663SACBA RENESAS-ICL7663SACBA Datasheet
421Kb / 8P
   CMOS Programmable Micropower Positive Voltage Regulator
logo
Intersil Corporation
ICL7663SACBAZA INTERSIL-ICL7663SACBAZA Datasheet
220Kb / 8P
   CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
logo
Renesas Technology Corp
ICL7663SACBAZA RENESAS-ICL7663SACBAZA Datasheet
421Kb / 8P
   CMOS Programmable Micropower Positive Voltage Regulator
More results

Similar Description - ICL7663S_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S Datasheet
158Kb / 7P
   CMOS Programmable Micropower Positive Voltage Regulator
logo
Renesas Technology Corp
ICL7663S RENESAS-ICL7663S Datasheet
421Kb / 8P
   CMOS Programmable Micropower Positive Voltage Regulator
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S_15 Datasheet
220Kb / 8P
   CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
logo
Maxim Integrated Produc...
ICL7663 MAXIM-ICL7663 Datasheet
349Kb / 8P
   Programmable Positive Voltage Regulator
19-0961; Rev 1; 4/94
logo
GTM CORPORATION
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
   CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
   CMOS Positive Voltage Regulator
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GN62FP GTM-GN62FP Datasheet
944Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com