Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7665S Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7665S
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665S Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7665S_06 Datasheet HTML 1Page - Intersil Corporation ICL7665S_06 Datasheet HTML 2Page - Intersil Corporation ICL7665S_06 Datasheet HTML 3Page - Intersil Corporation ICL7665S_06 Datasheet HTML 4Page - Intersil Corporation ICL7665S_06 Datasheet HTML 5Page - Intersil Corporation ICL7665S_06 Datasheet HTML 6Page - Intersil Corporation ICL7665S_06 Datasheet HTML 7Page - Intersil Corporation ICL7665S_06 Datasheet HTML 8Page - Intersil Corporation ICL7665S_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN3182.8
April 5, 2006
Functional Block Diagram
AC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT DELAY TIMES
Input Going HI
tSO1D
VSET Switched between 1.0V to 1.6V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-85-
µs
tSH1D
-90-
µs
tSO2D
-55-
µs
tSH2D
-55-
µs
Input Going LO
tSO1D
VSET Switched between 1.6V to 1.0V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-75-
µs
tSH1D
-80-
µs
tSO2D
-60-
µs
tSH2D
-60-
µs
Output Rise Times
tO1R
VSET Switched between 1.0V to 1.6V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-0.6
-
µs
tO2R
-0.8
-
µs
tH1R
-7.5
-
µs
tH2R
-0.7
-
µs
Output Fall Times
tO1F
VSET Switched between 1.0V to 1.6V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-0.6
-
µs
tO2F
-0.7
-
µs
tH1F
-4.0
-
µs
tH2F
-1.8
-
µs
REF
SET1
SET2
+
-
+
-
V+
HYST2
HYST1
OUT2
OUT1
GND
CONDITIONS (Note 5)
VSET1 > 1.3V, OUT1 Switch ON, HYST1 Switch ON
VSET1 < 1.3V, OUT1 Switch OFF, HYST1 Switch OFF
VSET2 > 1.3V, OUT2 Switch OFF, HYST2 Switch ON
VSET2 < 1.3V, OUT2 Switch ON, HYST2 Switch OFF
NOTE:
5. See Electrical Specifications for exact thresholds.
ICL7665S


Similar Part No. - ICL7665S_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SACBA INTERSIL-ICL7665SACBA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665SACPA INTERSIL-ICL7665SACPA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665SAIBA INTERSIL-ICL7665SAIBA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665SAIPA INTERSIL-ICL7665SAIPA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665SCBA INTERSIL-ICL7665SCBA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
More results

Similar Description - ICL7665S_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com