Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7662IPA Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7662IPA
Description  CMOS Voltage Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7662IPA Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7662IPA Datasheet HTML 1Page - Intersil Corporation ICL7662IPA Datasheet HTML 2Page - Intersil Corporation ICL7662IPA Datasheet HTML 3Page - Intersil Corporation ICL7662IPA Datasheet HTML 4Page - Intersil Corporation ICL7662IPA Datasheet HTML 5Page - Intersil Corporation ICL7662IPA Datasheet HTML 6Page - Intersil Corporation ICL7662IPA Datasheet HTML 7Page - Intersil Corporation ICL7662IPA Datasheet HTML 8Page - Intersil Corporation ICL7662IPA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22V
Oscillator Input Voltage . . . . . . . . -0.3V to (V+ +0.3V) for V+ < 10V
. . . . . . . . . . . . . . . . . (Note 2) (V+ -10V) to (V+ +0.3V) for V+ > 10V
Current Into LV (Note 2). . . . . . . . . . . . . . . . . . . . 20
µA for V+ > 10V
Output Short Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
PDIP Package* . . . . . . . . . . . . . . . . . .
150
N/A
Plastic SOIC Package . . . . . . . . . . . . .
120
N/A
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing.
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Connecting any terminal to voltages greater than V+ or less than GND may cause destructive latchup. It is recommended that no inputs from
sources operating from external supplies be applied prior to “power up” of ICL7660S.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = 15V, TA = 25
oC, C
OSC = 0, Unless Otherwise Specified. Refer to Figure 14.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range - Lo
V+L
RL = 10kΩ, LV = GND
Min < TA < Max
4.5
-
11
V
Supply Voltage Range - Hi
V+H
RL = 10kΩ, LV = Open
Min < TA < Max
9
-
20
V
Supply Current
I+
RL = ∞, LV = Open
TA = 25
oC
-
0.25
0.60
mA
0oC < TA < 70
oC
-40oC < TA < 85
oC
-
0.30
0.85
mA
-55oC < TA < 125
oC
-
0.40
1.0
mA
Output Source Resistance
RO
IO = 20mA,
LV = Open
TA = 25
oC
-
60
100
0oC < TA < 70
oC
-40oC < TA < 85
oC
-
70
120
-55oC < TA < 125
oC
-
90
150
Supply Current
I+
V+ = 5V, RL = ∞,
LV = GND
TA = 25
oC
-
20
150
µA
0oC < TA < 70
oC
-40oC < TA < 85
oC
-
25
200
µA
-55oC < TA < 125
oC
-
30
250
µA
Output Source Resistance
RO
V+ = 5V, IO = 3mA,
LV = GND
TA = 25
oC
-
125
200
0oC < TA < 70
oC
-40oC < TA < 85
oC
-
150
250
-55oC < TA < 125
oC
-
200
350
Oscillator Frequency
FOSC
-
10
-
kHz
Power Efficiency
PEFF
RL = 2kΩ
TA = 25
oC93
96
-
%
Min < TA < Max
90
95
-
%
Voltage Conversion Efficiency
VoEf
RL = ∞
Min < TA < Max
97
99.9
-
%
Oscillator Sink or Source
Current
IOSC
V+ = 5V (VOSC = 0V to +5V)
-
0.5
-
µA
V+ = 15V (VOSC = +5V to +15V)
-
4.0
-
µA
NOTE:
3. Pin 1 is a Test pin and is not connected in normal use. When the TEST pin is connected to V+, an internal transmission gate disconnects any
external parasitic capacitance from the oscillator which would otherwise reduce the oscillator frequency from its nominal value.
ICL7662


Similar Part No. - ICL7662IPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7662IPA RENESAS-ICL7662IPA Datasheet
533Kb / 11P
   CMOS Voltage Converter
More results

Similar Description - ICL7662IPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
   CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
   CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
   CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
   12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
   100mA CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com