Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP5600 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP5600
Description  Thermally Protected High Voltage Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5600 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP5600 Datasheet HTML 1Page - Intersil Corporation HIP5600 Datasheet HTML 2Page - Intersil Corporation HIP5600 Datasheet HTML 3Page - Intersil Corporation HIP5600 Datasheet HTML 4Page - Intersil Corporation HIP5600 Datasheet HTML 5Page - Intersil Corporation HIP5600 Datasheet HTML 6Page - Intersil Corporation HIP5600 Datasheet HTML 7Page - Intersil Corporation HIP5600 Datasheet HTML 8Page - Intersil Corporation HIP5600 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
67
of HIP5600 and the zener diode (
∆VREF and ∆Vz), load reg-
ulation of the HIP5600 (VREF LOAD REG), and the effects of
temperature on the HIP5600 and the zener diode (VREFTC,
VZTC).
Example: Given: VIN = 200V, VOUT = 14.18V (VREF =
1.18V, VZ = 13V), ∆VZ = 5%, VZTC = +0.079%/°C (assumes
1N5243BPH)
, ∆IOUT equal 10mA and ∆Temp equal
+60 oC. The worst case
∆VOUT is 0.4956V. The shift in
VOUT is attributed to the following: -0.2 (HIP5600) and 0.69
(zener diode).
The regulator/zener diode configuration gives a 3.5%
(0.49/14.18) worst case output voltage error where, for the
same conditions, the regulator/resistor configuration results
in an 7.5% (1.129/15) worst case output voltage error.
External Capacitors
A minimum10
µF output capacitor (C2) is required for stability
of the output stage. Any increase of the load capacitance
greater than 10
µF will merely improve the loop stability and
output impedance.
A 0.02
µF input decoupling capacitor (C1) between VIN and
ground may be required if the power source impedance is
not sufficiently low for the 1MHz - 10MHz band. Without this
capacitor, the HIP5600 can oscillate at 2.5MHz when driven
by a power source with a high impedance for the 1MHz -
10MHz band.
An optional bypass capacitor (C3) from VADJ to ground
improves the ripple rejection by preventing the ripple at the
Adjust pin from being amplified. Bypass capacitors larger
than 10
µF do not appreciably improve the ripple rejection of
the part (see Figure 20 through Figure 25).
Load Regulation
For improved load regulation, resistor RF1 (connected
between the adjustment terminal and VOUT) should be tied
directly to the output of the regulator (Figure 4A) rather than
near the load Figure 4B. This eliminates line drops (RS) from
appearing effectively in series with RF1 and degrading regu-
lation. For example, a 15V regulator with a 0.05
Ω resistance
between the regulator and the load will have a load regula-
tion due to line resistance of 0.05
Ω x ∆IL. If RF1 is con-
nected near the load the effective load regulation will be 11.9
times worse (1+R2/R1, where R2 = 12k, R1 = 1.1k).
FIGURE 4.
Protection Diodes
The HIP5600, unlike other voltage regulators, is internally
protected by input diodes in the event the input becomes
shorted to ground. Therefore, no external protection diode is
required between the input pin and the output pin to protect
against the output capacitor (C2) discharging through the
input to ground.
If the output is shorted in the absence of D1 (Figure 5), the
bypass capacitor voltage (C3) could exceed the absolute
maximum voltage rating of
±5V between VOUT and VIN.
Note; No protection diode (D1) is needed for output voltages
less than 6V or if C3 is not used.
FIGURE 5. REGULATOR WITH PROTECTION DIODE
Selecting the Right Heat Sink
Linear power supplies can dissipate a lot of power. This
power or heat must be safely dissipated to permit continuous
operation. This section will discuss thermal resistance and
show how to calculate heat sink requirements.
Electronic heat sinks are generally rated by their thermal
resistance. Thermal resistance is defined as the temperature
rise per unit of heat transfer or power dissipated, and is
expressed in units of degrees centigrade per watt. For a par-
ticular application determine the thermal resistance (
θSA)
which the heat sink must have in order to maintain a junction
temperature below the thermal shut down limit (TTS).
VOUT
VREF VZ
+
=
(EQ. 3)
VOUT
VTREF
VT
Z
+
=
(EQ. 4A)
VTREF
VREF VREFLOADREG IOUT
() V
REFTC
Temp
(
)
++
(EQ. 4B)
VTZ
VZtolerance VZ
() V
ZTC
Temp
()
+
(EQ. 4C)
Error Budget
+VREFTC θSA
() I
OUT VIN
() V
+
REFLINEREG
AC/DC
AC/DC
IADJ
RS
(A)
(B)
VREF
VOUT
RF1
RF2
HIP5600
I1
AC/DC
IADJ
RS
VREF
VOUT
RF1
RF2
HIP5600
I1
AC/DC
VIN
+ VOUT
RF1
RF2
C1
0.02
µF
C2
C3
10
µF
D1
D1 PROTECTS AGAINST C3
DISCHARGING WHEN THE
OUTPUT IS SHORTED.
HIP5600
10
µF
HIP5600


Similar Part No. - HIP5600

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIP5600 HARRIS-HIP5600 Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600IS HARRIS-HIP5600IS Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600IS2 HARRIS-HIP5600IS2 Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
More results

Similar Description - HIP5600

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIP5600 HARRIS-HIP5600 Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
   High Voltage Linear Regulator
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com