Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-9008RH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-9008RH
Description  Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-9008RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-9008RH Datasheet HTML 1Page - Intersil Corporation HS-9008RH Datasheet HTML 2Page - Intersil Corporation HS-9008RH Datasheet HTML 3Page - Intersil Corporation HS-9008RH Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
FN3279.4
HS-9008RH
Radiation Hardened CMOS 8-Bit Flash
Analog-to-Digital Converter
The Intersil HS-9008RH is a CMOS 8-Bit Flash Converter
designed for space applications where relatively low power,
exceptional accuracy and very fast conversion speeds are a
necessity.
The HS-9008RH design differs substantially from most other
available Flash Converters as it employs fully differential
analog input sampling networks and amplifiers, as well as
regenerative, offset nulled (error correcting) comparators.
These circuit techniques improve noise performance and
render the circuit much less sensitive to process and
radiation induced device parametric shifts. Outstanding
integral and differential linearity error is achieved through the
use of a metal film resistor network which exhibits >10-bit
linearity without trim. As a result of these innovations, the
device operates with a single fixed reference supply as
opposed to the multiple, adjustable references used in
similar devices.
This combination of features makes the HS-9008RH one of
the best 8-Bit Flash Converters available in the Commercial,
Military or Rad Hard markets.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96696. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-96696
• QML Qualified per MIL-PRF-38535 Requirements
• Excellent Noise Rejection - Fully Differential Design
• Superior Linearity . . . . . . . . . . . . . . . . . . . . . . 0.5 LSB Typ
• Single Reference Supply
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . 330mW Typ
• Sampling Rate (50ns Conversion Time) . . . . . . . . 20MHz
• Total Dose Hardness . . . . . . . . . . . . . . . . . . . . . 300kRAD
• Available with QML Class V or Class Q Screening
Pinouts
HS-9008RH (SBDIP) CDIP2-T28
TOP VIEW
HS-900RH (FLATPACK) CDFP3-F28
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9669601QXC
HS1-9008RH-8
-55 to 125
5962F9669601QYC
HS9-9008RH-8
-55 to 125
5962F9669601VXC
HS1-9008RH-Q
-55 to 125
5962F9669601VYC
HS9-9008RH-Q
-55 to 125
HS1-9008RH/Proto
HS1-9008RH/Proto
-55 to 125
HS9-9008RH/Proto
HS9-9008RH/Proto
-55 to 125
HS0-9008RH-Q
HS0-9008RH-Q
25
1/
2 R
VDDD
CLK
VDDD
VSSA
VREF-
VDDA
(LSB) B1
B2
B3
B4
CE1
CE2
VDDA
VSSD
VSSD
VSSA
VREF+
VDDA
B8 (MSB)
B6
B5
VSSA
VSSD
VDDD
VIN
OF
B7
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1/
2 R
VDDD
CLK
VDDD
VSSA
VREF-
VDDA
(LSB) B1
B2
B3
B4
CE1
CE2
VDDA
VSSD
VSSD
VSSA
VREF+
VDDA
B8 (MSB)
B6
B5
VSSA
VSSD
VDDD
VIN
OF
B7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Data Sheet
March 10, 2005
[ /Title
(HS-
9008R
H)
/Sub-
ject
(Radia-
tion
Hard-
ened
CMOS
8-Bit
Flash
Ana-
log-to-
Digi-
tal
Con-
verter)
/Autho
r ()
/Key-
words
(Inter-
sil
Corpo-
ration,
semi-
con-
ductor,
Radia-
tion
Hard-
ened,
RH,
Rad
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1999, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HS-9008RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
More results

Similar Description - HS-9008RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com