Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50016 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP50016
Description  Digital Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50016 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP50016 Datasheet HTML 1Page - Intersil Corporation HSP50016 Datasheet HTML 2Page - Intersil Corporation HSP50016 Datasheet HTML 3Page - Intersil Corporation HSP50016 Datasheet HTML 4Page - Intersil Corporation HSP50016 Datasheet HTML 5Page - Intersil Corporation HSP50016 Datasheet HTML 6Page - Intersil Corporation HSP50016 Datasheet HTML 7Page - Intersil Corporation HSP50016 Datasheet HTML 8Page - Intersil Corporation HSP50016 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TM
3-1
HSP50016
Digital Down Converter
The Digital Down Converter (DDC) is a single chip
synthesizer, quadrature mixer and lowpass filter. Its input
data is a sampled data stream of up to 16 bits in width and
up to a 75 MSPS data rate. The DDC performs down
conversion, narrowband low pass filtering and decimation to
produce a baseband signal.
The internal synthesizer can produce a variety of signal
formats. They are: CW, frequency hopped, linear FM up
chirp, and linear FM down chirp. The complex result of the
modulation process is lowpass filtered and decimated with
identical real filters in the in-phase (I) and quadrature (Q)
processing chains.
Lowpass filtering is accomplished via a High Decimation
Filter (HDF) followed by a fixed Finite Impulse Response
(FIR) filter. The combined response of the two stage filter
results in a -3dB to -102dB shape factor of better than 1.5.
The stopband attenuation is greater than 106dB. The
composite passband ripple is less than 0.04dB. The
synthesizer and mixer can be bypassed so that the chip
operates as a single narrow band low pass filter.
The chip receives forty bit serial commands as a control
input. This interface is compatible with the serial I/O port
available on most microprocessors.
The output data can be configured in fixed point or single
precision floating point. The fixed point formats are 16,
24, 32, or 38-bit, two’s complement, signed magnitude, or
offset binary.
The circuit provides an IEEE 1149.1 Test Access Port.
Features
• 75 MSPS Input Data Rate
• 16-Bit Data Input; Offset Binary or 2’s Complement
Format
• Spurious Free Dynamic Range Through Modulator
>102dB
• Frequency Selectivity: <0.006Hz
• Identical Lowpass Filters for I and Q
• Passband Ripple: <0.04dB
• Stopband Attenuation: >104dB
• Filter -3dB to -102dB Shape Factor: <1.5
• Decimation Factors from 32 to 131,072
• IEEE 1149.1 Test Access Port
• HSP50016-EV Evaluation Board Available
Applications
• Cellular Base Stations
• Smart Antennas
• Channelized Receivers
• Spectrum Analysis
• Related Products: HI5703, HI5746, HI5766 A/Ds
Block Diagram
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
HSP50016JC-52
0 to 70
44 Ld PLCC
N44.65
HSP50016JC-75
0 to 70
44 Ld PLCC
N44.65
COMPLEX
SINUSOID
GENERATOR
DATA
16
HIGH DECIMATION
FILTER
HIGH DECIMATION
FILTER
LOW PASS FIR
FILTER
LOW PASS FIR
FILTER
COS
SIN
I
Q
CONTROL
TEST ACCESS
PORT/CTRL
OUTPUT
I
Q
CLK
TEST ACCESS
PORT
CLK
CLK
R
CLK
4R
OR
CLK
2R
CLKSER
IQSTRB
IQCLK
Data Sheet
September 2000
File Number
3288.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000


Similar Part No. - HSP50016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
Intersil Corporation
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
   DDC Evaluation Platform
HSP50016GC-52 INTERSIL-HSP50016GC-52 Datasheet
209Kb / 31P
   Digital Down Converter
More results

Similar Description - HSP50016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
   IF Down Converter for Digital Broadcast
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
   Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com