Part Name
         Description
1N4565AUR-1

 TEMPERATURE COMPENSATED ZENER REFERENCE DIODES ( 2 Page)


MICROSEMI
100% 
Zoom Out Zoom In
   
 2 page
background image
122
CDLL4565 thru CDLL4584A
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT
+.0015
+.0010
+.0005
0
-.0005
-.0010
-.0015
+.0010
+.0005
0
-.0005
-.0010
ZENER IMPEDANCE VS. OPERATING CURRENT
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OPERATING CURRENT l
ZT
(mA)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
OPERATING CURRENT l
ZT
(mA)
.25
.5
1.0
1.5
2.0
OPERATING CURRENT l
ZT
(mA)
.1
.2
.3
.4
.5
.6
.7
.8
.9
OPERATING CURRENT l
ZT
(mA)
.25 .5
1.0
1.5
2.0
2.5
3.0
3.5
OPERATING CURRENT IZT (mA)
1.0
2.0
3.0
4.0
5.0
6.0
OPERATING CURRENT IZT (mA)
10000
5000
1000
500
100
50
10
1000
500
100
50
10
5
1
CDLL4565 – CDLL4569
CDLL4570 – CDLL4574
CDLL4575 – CDLL4579
CDLL4580 – CDLL4584
CDLL4565 – CDLL4574
CDLL4575 – CDLL4584
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N821_1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
1N935BUR-1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
1N941BTEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
1N941BUR-1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
1N3154-1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
1N3154UR-1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
1N821UR-1TEMPERATURE COMPENSATED ZENER DIODES 1 2 Microsemi Corporation
ES64Temperature Compensated Crystal Oscillator TCXO Coming SoonList of Unclassifed Manufacturers
MPX2102100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PZUXBSingle Zener diodes in a SOD323F package 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl