Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409DJZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # DG409DJZ
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG409DJZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button DG409DJZ Datasheet HTML 3Page - Intersil Corporation DG409DJZ Datasheet HTML 4Page - Intersil Corporation DG409DJZ Datasheet HTML 5Page - Intersil Corporation DG409DJZ Datasheet HTML 6Page - Intersil Corporation DG409DJZ Datasheet HTML 7Page - Intersil Corporation DG409DJZ Datasheet HTML 8Page - Intersil Corporation DG409DJZ Datasheet HTML 9Page - Intersil Corporation DG409DJZ Datasheet HTML 10Page - Intersil Corporation DG409DJZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN3283.8
June 13, 2006
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. BREAK-BEFORE-MAKE INTERVAL
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. CHARGE INJECTION
FIGURE 5. OFF ISOLATION
FIGURE 6. CROSSTALK
Test Circuits and Waveforms (Continued)
EN
A0
DG408
GND
A1
A2
ALL S AND DA
D, DB
V-
V+
+5V (VS)
SWITCH
OUTPUT
VO
35pF
300
50
+15V
+2.4V
-15V
LOGIC
INPUT
DG409
LOGIC
INPUT
SWITCH
OUTPUT
VO
3V
VS
80%
tr < 20ns
tf < 20ns
tOPEN
0V
0V
80%
SX
A0
GND
A1
EN
D
V
-
V+
VO
CL
+15V
-15V
A2
10nF
VGEN
CHANNEL
SELECT
RGEN
LOGIC INPUT
LOGIC
INPUT
SWITCH
OUTPUT
∆VO
3V
ON
OFF
0V
∆VO IS THE MEASURED VOLTAGE DUE
TO CHARGE TRANSFER ERROR, Q
Q = CL x ∆VO
SX
A2
GND
A1
EN
D
V
-
V+
VO
+15V
-15V
A0
SIGNAL
GENERATOR
VIN
0V
1k
ANALYZER
|
|
S8
OFF ISOLATION
20 Log
VOUT
VIN
-----------------
=
SX
A2
GND
A1
EN
D
V
-
V+
VO
+15V
-15V
A0
SIGNAL
GENERATOR
VIN
5V
1k
ANALYZER
|
|
S8
CROSSTALK
20 Log
VOUT
VIN
-----------------
=
S1
1k
DG408, DG409


Similar Part No. - DG409DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409DJZ INTERSIL-DG409DJZ Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG409DJZ INTERSIL-DG409DJZ Datasheet
613Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
June 13, 2006
logo
Renesas Technology Corp
DG409DJZ RENESAS-DG409DJZ Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results

Similar Description - DG409DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com