Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409DJZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG409DJZ
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG409DJZ Datasheet(HTML) 2 Page - Intersil Corporation

  DG409DJZ Datasheet HTML 1Page - Intersil Corporation DG409DJZ Datasheet HTML 2Page - Intersil Corporation DG409DJZ Datasheet HTML 3Page - Intersil Corporation DG409DJZ Datasheet HTML 4Page - Intersil Corporation DG409DJZ Datasheet HTML 5Page - Intersil Corporation DG409DJZ Datasheet HTML 6Page - Intersil Corporation DG409DJZ Datasheet HTML 7Page - Intersil Corporation DG409DJZ Datasheet HTML 8Page - Intersil Corporation DG409DJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN3283.8
June 13, 2006
Pinouts
DG408 (PDIP, SOIC, TSSOP)
TOP VIEW
DG409 (PDIP, SOIC, TSSOP)
TOP VIEW
Functional Block Diagrams
DG408
DG409
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
V-
S1
S2
S3
D
S4
A1
GND
V+
S5
S6
S7
S8
A2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
V-
S1A
S2A
S3A
DA
S4A
A1
V+
S1B
S3B
S4B
DB
GND
S2B
TRUTH TABLE DG408
A2
A1
A0
EN
ON SWITCH
XXX
0
NONE
0001
1
0011
2
0101
3
0111
4
1001
5
1011
6
1101
7
1111
8
DECODER/
DRIVER
D
LEVEL
SHIFT
5V
REF
DIGITAL
INPUT
PROTECTION
S1
S2
S8
A0
A1
A2
EN
TRUTH TABLE DG409
A1
A0
EN
ON SWITCH
XX
0
NONE
001
1
011
2
101
3
111
4
NOTES:
1. VAH Logic “1” ≥2.4V.
2. VAL Logic “0” ≤0.8V.
DECODER/
DRIVER
DA
LEVEL
SHIFT
5V
REF
DIGITAL
INPUT
PROTECTION
S1A
S4A
S1B
A0
A1
EN
DB
S4B
DG408, DG409


Similar Part No. - DG409DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409DJZ INTERSIL-DG409DJZ Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG409DJZ INTERSIL-DG409DJZ Datasheet
613Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
June 13, 2006
logo
Renesas Technology Corp
DG409DJZ RENESAS-DG409DJZ Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results

Similar Description - DG409DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com