Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409DYZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG409DYZ
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG409DYZ Datasheet(HTML) 5 Page - Intersil Corporation

  DG409DYZ Datasheet HTML 1Page - Intersil Corporation DG409DYZ Datasheet HTML 2Page - Intersil Corporation DG409DYZ Datasheet HTML 3Page - Intersil Corporation DG409DYZ Datasheet HTML 4Page - Intersil Corporation DG409DYZ Datasheet HTML 5Page - Intersil Corporation DG409DYZ Datasheet HTML 6Page - Intersil Corporation DG409DYZ Datasheet HTML 7Page - Intersil Corporation DG409DYZ Datasheet HTML 8Page - Intersil Corporation DG409DYZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN3283.8
June 13, 2006
Drain OFF Leakage Current, ID(OFF)
VEN = 0V, VD = ±10V,
VS = +10V
DG408
25
-1
-
1
nA
Full
-20
-
20
nA
DG409
25
-1
-
1
nA
Full
-10
-
10
nA
Drain ON Leakage Current, ID(ON)
VS = VD = ±10V (Note 7)
DG408
25
-1
-
1
nA
Full
-20
-
20
nA
DG409
25
-1
-
1
nA
Full
-10
-
10
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VEN = 0V, VA = 0V (Standby)
Full
-
10
75
µA
Negative Supply Current, I-
Full
-75
1
-
µA
Positive Supply Current, I+
VEN = 2.4V, VA = 0V
(Enabled)
25
-
0.2
0.5
mA
Full
-
-
2
mA
Negative Supply Current, I-
Full
-500
-
-
µA
Electrical Specifications
Test Conditions: V+ = +15V, V- = -15V, VAL = 0.8V, VAH = 2.4V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP (°C)
(NOTE 5)
MIN
(NOTE 6)
TYP
(NOTE 5)
MAX
UNITS
Electrical Specifications
Single Supply Test Conditions: V+ = 12V, V- = 0V, VAL = 0.8V, VAH = 2.4V,
Unless Otherwise Specified
PARAMETER
TEST
CONDITION
TEMP (°C)
(NOTE 5)
MIN
(NOTE 6)
TYP
(NOTE 5)
MAX
UNITS
DYNAMIC CHARACTERISTICS
Switching Time of Multiplexer, tTRANS
VS1 = 8V, VS8 = 0V, VIN = 2.4V
25
-
180
-
ns
Enable Turn-ON Time, tON(EN)
VINH = 2.4V, VINL = 0V,
VS1 = 5V
25
-
180
-
ns
Enable Turn-OFF Time, tOFF(EN)
25
-
120
-
ns
Charge Injection, Q
CL = 10nF, VGEN = 0V,
RGEN = 0Ω
25
-
5
-
pC
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
12
V
Drain-Source ON-Resistance,
rDS(ON)
VD = 3V, 10V, IS = -1mA
(Note 7)
25
-
90
-
NOTES:
5. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Typical values are for DESIGN AID ONLY, not guaranteed nor production tested.
7. Sequence each switch ON.
8.
∆rDS(ON) = rDS(ON) (Max) - rDS(ON) (Min).
9. Worst case isolation occurs on channel 4 due to proximity to the drain pin.
DG408, DG409


Similar Part No. - DG409DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409DYZ INTERSIL-DG409DYZ Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG409DYZ INTERSIL-DG409DYZ Datasheet
613Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
June 13, 2006
logo
Renesas Technology Corp
DG409DYZ RENESAS-DG409DYZ Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results

Similar Description - DG409DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com