Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1130 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA1130
Description  850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1130 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA1130 Datasheet HTML 1Page - Intersil Corporation HFA1130 Datasheet HTML 2Page - Intersil Corporation HFA1130 Datasheet HTML 3Page - Intersil Corporation HFA1130 Datasheet HTML 4Page - Intersil Corporation HFA1130 Datasheet HTML 5Page - Intersil Corporation HFA1130 Datasheet HTML 6Page - Intersil Corporation HFA1130 Datasheet HTML 7Page - Intersil Corporation HFA1130 Datasheet HTML 8Page - Intersil Corporation HFA1130 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN3369.4
July 15, 2005
Application Information
Optimum Feedback Resistor (RF)
The enclosed plots of inverting and non-inverting frequency
response detail the performance of the HFA1130 in various
gains. Although the bandwidth dependency on ACL isn’t as
severe as that of a voltage feedback amplifier, there is an
appreciable decrease in bandwidth at higher gains. This
decrease can be minimized by taking advantage of the current
feedback amplifier’s unique relationship between bandwidth
and RF. All current feedback amplifiers require a feedback
resistor, even for unity gain applications, and the RF, in
conjunction with the internal compensation capacitor, sets the
dominant pole of the frequency response. Thus, the
amplifier’s bandwidth is inversely proportional to RF. The
HFA1130 design is optimized for a 510
Ω RF, at a gain of +1.
Decreasing RF in a unity gain application decreases stability,
resulting in excessive peaking and overshoot (Note:
Capacitive feedback causes the same problems due to the
feedback impedance decrease at higher frequencies). At
higher gains the amplifier is more stable, so RF can be
decreased in a trade-off of stability for bandwidth. The table
below lists recommended RF values for various gains, and the
expected bandwidth.
Clamp Operation
General
The HFA1130 features user programmable output clamps to
limit output voltage excursions. Clamping action is obtained
by applying voltages to the VH and VL terminals (pins 8 and
5) of the amplifier. VH sets the upper output limit, while VL
sets the lower clamp level. If the amplifier tries to drive the
output above VH, or below VL, the clamp circuitry limits the
output voltage at VH or VL (± the clamp accuracy),
respectively. The low input bias currents of the clamp pins
allow them to be driven by simple resistive divider circuits, or
active elements such as amplifiers or DACs.
Clamp Circuitry
Figure 1 shows a simplified schematic of the HFA1130 input
stage, and the high clamp (VH) circuitry. As with all current
feedback amplifiers, there is a unity gain buffer (QX1 - QX2)
between the positive and negative inputs. This buffer forces -IN
to track +IN, and sets up a slewing current of (V-IN -VOUT)/RF.
This current is mirrored onto the high impedance node (Z) by
QX3-QX4, where it is converted to a voltage and fed to the output
via another unity gain buffer. If no clamping is utilized, the high
impedance node may swing within the limits defined by QP4 and
QN4. Note that when the output reaches it’s quiescent value, the
current flowing through -IN is reduced to only that small current
(-IBIAS) required to keep the output at the final voltage.
Tracing the path from VH to Z illustrates the effect of the
clamp voltage on the high impedance node. VH decreases
by 2VBE (QN6 and QP6) to set up the base voltage on QP5.
QP5 begins to conduct whenever the high impedance node
Negative Clamp Range
B
25
-
-5.0 to +2.0
-
V
Positive Clamp Range
B
25
-
-2.0 to +5.0
-
V
Clamp Input Bias Current
A
25
-
50
200
µA
Clamp Input Bandwidth
VH or VL = 100mVP-P
B25
-
500
-
MHz
NOTES:
2. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
3. See Typical Performance Curves for more information.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
(NOTE 2)
TEST
LEVEL
TEMP.
(°C)
MIN
TYP
MAX
UNITS
ACL
RF (Ω)BW (MHz)
+1
510
850
-1
430
580
+2
360
670
+5
150
520
+10
180
240
+19
270
125
+1
+IN
V-
V+
QP1
QN1
V-
QN3
QP3
QP4
QN2
QP2
QN4
QP5
QN5
Z
V+
-IN
VOUT
ICLAMP
RF
(EXTERNAL)
QP6
QN6
VH
R1
50K
(30K
FOR VL)
200
FIGURE 1. HFA1130 SIMPLIFIED VH CLAMP CIRCUITRY
HFA1130


Similar Part No. - HFA1130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
HFA1130883 INTERSIL-HFA1130883 Datasheet
865Kb / 19P
   Output Clamping, 850MHz Current Feedback Amplifier
HFA1130EVAL INTERSIL-HFA1130EVAL Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results

Similar Description - HFA1130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com