Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43216JC-52 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HSP43216JC-52
Description  Halfband Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43216JC-52 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HSP43216JC-52 Datasheet HTML 3Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 4Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 5Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 6Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 7Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 8Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 9Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 10Page - Intersil Corporation HSP43216JC-52 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN3365.9
April 18, 2007
fS/4 Quadrature Up Convert Processor
The fS/4 Quadrature Up Convert Processor provides the
fS/4 spectral shift used to construct a real signal from a
complex sample stream. The operation performed is
equivalent to multiplying a quadrature data stream,
i(n)+jq(n), by samples of a complex exponential, e-j(π/2)n,
and outputting the real part of that mathematical operation
as given below:
Real { (i (n) + jq(n) ) e j (πn/2) }
= Real {[i (n) cos (
πn/2) - q(n) sin (πn/2)]
+ j [i (n) sin (
πn/2) + q(n) cos (πn/2)]}
= i (n) cos (
πn/2) - q(n) sin (πn/2)
= i (n) cos (
πn/2) + q(n) sin (−πn/2)
(EQ. 3)
In the above operation, a positive fS/4 spectral shift is
imparted on the quadrature input which causes the upper
sideband of the resulting real output to be defined by the
spectral content of the input signal as shown in Figure 3. For
added flexibility, the Up Convert processor may be
configured to impart a negative fS/4 shift on the quadrature
input which generates a real output whose lower sideband is
defined the spectrum of the quadrature input as shown in
Figure 4. The state of the USB/LSB control input determines
the direction of the spectral shift. If this input is set “High”, a
positive fS/4 shift is introduced by the Up Convert Processor.
If USB/LSB is asserted “Low”, a negative fS/4 spectral shift
is introduced.
FIGURE 3.
0fS/4
-fS/4
-fS/2
fS/2
0fS/4
-fS/4
-fS/2
fS/2
fS/4 POSITIVE SHIFT: UP CONVERSION
FIGURE 4.
0fS/4
-fS/4
-fS/2
fS/2
0fS/4
-fS/4
-fS/2
fS/2
fS/4 NEGATIVE SHIFT: DOWN CONVERSION
The Up Convert Processor implements the up convert
operation by multiplying the in-phase and quadrature
samples on the upper and lower processing legs by the
nonzero sine and cosine terms in the above expression. The
resulting data is then multiplexed together in the Output Flow
Controller to yield the real output sample stream. The SYNC
control input may be used to align the zero degree phase of
the Up Convert LO with a particular input sample as
described in the Operational Modes Section.
The Up Convert Processor also scales the data streams
output from the Filter Processor as required by the
operational mode. In the modes which employ interpolation,
the Up Convert Processor scales the Filter Processor’s
output by two to compensate for the attenuation of one half
caused by the interpolation process. In down convert and
decimate mode, the filter processor output is also scaled by
two to compensate for the attenuation introduced by the
down covert process. The scaling operations performed are
summarized in Table 4.
SCALE FACTORS APPLIED BY UP CONVERT
PROCESSOR vs MODE
TABLE 4.
MODE
SCALE FACTOR
Decimate by Two (MODE1-0 = 00)
1.0
Interpolate by Two (MODE1-0 = 01)
2.0
Down Convert and Decimate (MODE1-0 = 10)
2.0
Quadrature to Real (MODE1-0 = 11)
2.0
Output Data Flow Controller
The Output Flow Controller routes data to the AOUT0-15
and BOUT0-15 output depending on mode of operation. In
decimate by two mode (MODE1-0 = 00), output from the
filter processor’s polyphase branches are summed and
output through AOUT0-15. In Down Convert and Decimate
mode (MODE1-0 = 10), real and imaginary data streams
produced by the down convert process pass are output
directly to AOUT0-15 and BOUT0-15 respectively. In the two
modes using interpolation, MODE1-0 = 01 or 11, with
internal multiplexing enabled, INT/EXT set high, data sam
ples output from the polyphase branches are internally
multiplexed into a single stream and output via AOUT0-15. If
a mode using interpolation is specified together with external
multiplexing, INT/EXT set low, the data stream multiplexing
is performed off chip and the data on the upper and lower
processing legs is output through AOUT0-15 and BOUT0-15.
The Output Data Flow Controller also sets the binary format
and precision of the two 16-bit outputs. The data format is
specified as either two’s complement (FMT input low) or
offset binary (FMT input high). The precision of the output
data is set from 8-bits to 16-bits via the round control inputs,
RND2-0. The RND2-0 inputs round the output data to a
precision ranging from 8-bits to 16-bits as specified in Table
5. Saturation logic is incorporated in the output flow
controller to insure that numerical growth associated with a
worst case signal input or rounding condition saturates to a
16-bit value.
HSP43216


Similar Part No. - HSP43216JC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43216JC-52 INTERSIL-HSP43216JC-52 Datasheet
144Kb / 19P
   Halfband Filter
HSP43216JC-52 INTERSIL-HSP43216JC-52 Datasheet
434Kb / 20P
   Halfband Filter
logo
Renesas Technology Corp
HSP43216JC-52 RENESAS-HSP43216JC-52 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216JC-52Z INTERSIL-HSP43216JC-52Z Datasheet
434Kb / 20P
   Halfband Filter
logo
Renesas Technology Corp
HSP43216JC-52Z RENESAS-HSP43216JC-52Z Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
More results

Similar Description - HSP43216JC-52

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216_08 Datasheet
434Kb / 20P
   Halfband Filter
HSP43216 INTERSIL-HSP43216 Datasheet
144Kb / 19P
   Halfband Filter
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com