Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI7131 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI7131
Description  3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7131 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI7131_02 Datasheet HTML 7Page - Intersil Corporation HI7131_02 Datasheet HTML 8Page - Intersil Corporation HI7131_02 Datasheet HTML 9Page - Intersil Corporation HI7131_02 Datasheet HTML 10Page - Intersil Corporation HI7131_02 Datasheet HTML 11Page - Intersil Corporation HI7131_02 Datasheet HTML 12Page - Intersil Corporation HI7131_02 Datasheet HTML 13Page - Intersil Corporation HI7131_02 Datasheet HTML 14Page - Intersil Corporation HI7131_02 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
HI7131/33 vs ICL7136/37
Figure 5 shows the analog front end block diagram of both
HI7131/33 and ICL7136/37. The difference is the common
reference voltage generator connection and 2 extra analog
switches in the ICL7136. The HI7131 architecture uses the
INLO as the reference point of the integrator (non-inverting
input of the integrator amplifier) in all the phases of the con-
version cycle. The ICL7136 uses INLO as a reference point
only during integration cycle and COMMON pin is used as
the integrator reference point during auto-zero, deintegrate,
and zero integrate phases.
The circuit configuration of the HI7131 results in a superior
120dB rejection of DC common mode on the inputs. How-
ever, the HI7131 has reduced AC common mode noise
rejection, since the noise on the INLO input can cause errors
during the deintegration phase.
The circuit configuration of the ICL7136 is unaffected by the
AC noise riding on the inputs, but the DC common mode
rejection on the input is only 86dB.
Analog Section Description
Figure 5A shows a simplified diagram of the analog section
of the HI7131 and HI7133. The circuit performs basic
phases of dual slope integration. Furthermore, the device
incorporates 2 additional phases called “Auto-Zero” and
“Zero Integrate”. The device accepts differential input signals
and reference voltages. Also, there is a reference voltage
generator which sets the COMMON pin 2.8V below the V+
supply. A complete conversion cycle is divided into the
following four phases:
1. Auto-Zero (A/Z)
2. Signal Integrate (INT)
3. Deintegrate or Reference Integrate (DE
±)
4. Zero Integrate (ZI)
Digitally controlled analog switches direct the appropriate
signals for each phase of the conversion.
Auto-Zero Phase
During auto-zero three things occur. First, IN HI is discon-
nected from the device internal circuitry and internally
shorted to IN LO. Second, the reference capacitor is
charged to the reference voltage. Third, a feedback loop is
closed around the system to charge the auto-zero capacitor
CAZ and integrating capacitor CINT to compensate for offset
voltages in the buffer amplifier, integrator, and comparator.
Since the comparator is included in the loop, the A/Z accu-
racy is limited only by the noise of the system. In any case,
the offset referred to the input is less than 10
µV.
Signal Integrate Phase
During signal integrate the auto-zero loop is opened and the
FIGURE 93B. ICL7136 AND ICL7137 ANALOG SECTION FUNCTIONAL DIAGRAM
FIGURE 93. HI7131, HI7133 vs ICL7136, ICL7137 ANALOG SECTIONS
DE-
DE+
VCOMMON
GENERATOR
POLARITY
FLIP-FLOP
ZERO
CROSSING
DETECTOR
V -
26
CINT
CAZ
RINT
BUFF
A-Z
INT
V+
-
+
AZ
COMPARATOR
INHI
COMMON
INLO
31
32
30
DE-
DE+
INT
AZ
34
CREF+
36
REFHI
CREF
REFLO
35
AZ AND
ZI
AZ AND
ZI
ZI
INPUT HIGH
33
CREF-
28
29
27
V +
TO
DIGITAL
SECTION
AZ AND DE
± AND ZI
V -
INTEGRATOR
1
-
+
-
+
HI7131, HI7133


Similar Part No. - HI7131_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7131CM44 INTERSIL-HI7131CM44 Datasheet
209Kb / 21P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7131CPL INTERSIL-HI7131CPL Datasheet
209Kb / 21P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
More results

Similar Description - HI7131_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7131 INTERSIL-HI7131 Datasheet
209Kb / 21P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com