Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54TW-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54TW-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54TW-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54TW-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54TW-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54TW-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30152 Rev. 11 - 2
2 of 3
BAT54TW /ADW /CDW /SDW /BRW
www.diodes.com
KXX = Product Type Marking Code
(See Page 1)
For Symmetrical Configuration,
No Orientation Indicator
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KXX = Product Type Marking Code
(See Page 1)
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KXX
YM
KXX
Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 4 and 5)
Ordering Information
Marking Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
MN
P
R
S
T
UV
W
0.1
0.01
1
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
Device
Packaging
Shipping
BAT54ADW-7-F
BAT54CDW-7-F
BAT54SDW-7-F
BAT54BRW-7-F
BAT54TW-7-F
SOT-363
3000/Tape & Reel
0
100
025
50
75
100
125
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Power Derating Curve
A
°
200
0
2
4
10
8
6
12
0
10
15
5
20
30
25
V , REVERSE VOLTAGE (V)
Fig.3 Typical Capacitance vs. Reverse Voltage
R
f = 1.0MHz
0.001
0.01
0.1
10
1
100
0
510
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.2 Typical Reverse Characteristics
R
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T= 0ºC
A


Similar Part No. - BAT54TW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54TW-7-F DIODES-BAT54TW-7-F Datasheet
130Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev. 16 - 2 July 2008
BAT54TW-7-F DIODES-BAT54TW-7-F Datasheet
308Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
More results

Similar Description - BAT54TW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT40V DIODES-BAT40V_08 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAS40TW DIODES-BAS40TW_15 Datasheet
131Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Jiangsu Changjiang Elec...
FBAS70BRW JIANGSU-FBAS70BRW Datasheet
212Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54V DIODES-BAT54V_1 Datasheet
88Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30560 Rev. 4 - 2
logo
Jiangsu Changjiang Elec...
FBAS70DW-05 JIANGSU-FBAS70DW-05 Datasheet
209Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-06 JIANGSU-FBAS70DW-06 Datasheet
212Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
56Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. E-1
BAT54SDWQ DIODES-BAT54SDWQ Datasheet
319Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAT54SDWQ DIODES-BAT54SDWQ_V01 Datasheet
408Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
November 2018 Rev. 2 - 2
logo
Jiangsu Changjiang Elec...
FBAS40BRW JIANGSU-FBAS40BRW Datasheet
229Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com