Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7210IP Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation HA7210IP Datasheet HTML 10Page - Intersil Corporation HA7210IP Datasheet HTML 11Page - Intersil Corporation HA7210IP Datasheet HTML 12Page - Intersil Corporation HA7210IP Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FIGURE 17. DISABLE SUPPLY CURRENT vs FREQUENCY
FIGURE 18. DISABLE SUPPLY CURRENT vs FREQUENCY
FIGURE 19. SUPPLY CURRENT vs FREQUENCY
FIGURE 20. SUPPLY CURRENT vs FREQUENCY
FIGURE 21. SUPPLY CURRENT vs FREQUENCY
FIGURE 22. SUPPLY CURRENT vs FREQUENCY
Typical Performance Curves (Continued)
NOTE:
Refer to Test Circuit (Figure 1).
0
100
200
300
400
500
600
700
800
900 1000 1100
5
10
15
20
25
30
35
EN = 0, F1 = 1, F2 = 0, CL = 18pF, GENERATOR (1VP-P) (NOTE)
FREQUENCY (kHz)
VDD = +8V
VDD = +5V
VDD = +3V
0
1020
30
4050
607080
90
100 110
2
3
4
5
6
7
8
9
10
11
EN = 0, F1 = 1, F2 = 1, CL = 18pF, GENERATOR (1VP-P) (NOTE)
FREQUENCY (kHz)
VDD = +8V
VDD = +5V
VDD = +3V
4
5678
9
10
11
500
1000
1500
2000
2500
3000
EN = 1, F1 = 0, F2 = 0, VDD = +5V, GENERATOR (1VP-P) (NOTE)
FREQUENCY (MHz)
CL = 40pF
CL = 18pF
0
123
45
6
0
200
400
600
800
1000
1200
1400
EN = 1, F1 = 0, F2 = 1, VDD = +5V, GENERATOR (1VP-P) (NOTE)
FREQUENCY (MHz)
CL = 40pF
CL = 18pF
0
100
200
300
400
500
600
700
800
900 1000 1100
0
50
100
150
200
250
300
EN = 1, F1 = 1, F2 = 0, VDD = +5V, GENERATOR (1VP-P) (NOTE)
FREQUENCY (kHz)
CL = 40pF
CL = 18pF
0
1020
304050
6070
8090
100 110
0
5
10
15
20
25
30
35
EN = 1, F1 = 1, F2 = 1, VDD = +5V, GENERATOR (1VP-P) (NOTE)
FREQUENCY (kHz)
CL = 18pF
CL = 40pF
HA7210


Similar Part No. - HA7210IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7210IP INTERSIL-HA7210IP Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
More results

Similar Description - HA7210IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
logo
STATEK CORPORATION
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
   Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
   Low Power Crystal Oscillator
LXOM STATEK-LXOM Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
logo
Intersil Corporation
CDP6872 INTERSIL-CDP6872 Datasheet
101Kb / 15P
   Low Power Crystal Oscillator
January 1996
logo
STATEK CORPORATION
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
   Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
   Low Power Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com