Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1105 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HFA1105
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1105 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HFA1105_06 Datasheet HTML 4Page - Intersil Corporation HFA1105_06 Datasheet HTML 5Page - Intersil Corporation HFA1105_06 Datasheet HTML 6Page - Intersil Corporation HFA1105_06 Datasheet HTML 7Page - Intersil Corporation HFA1105_06 Datasheet HTML 8Page - Intersil Corporation HFA1105_06 Datasheet HTML 9Page - Intersil Corporation HFA1105_06 Datasheet HTML 10Page - Intersil Corporation HFA1105_06 Datasheet HTML 11Page - Intersil Corporation HFA1105_06 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN3395.8
June 6, 2006
FIGURE 9. SMALL SIGNAL PULSE RESPONSE
FIGURE 10. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 11. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 12. FREQUENCY RESPONSE
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25°C, RL = 100Ω, Unless Otherwise Specified (Continued)
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV)
AV = +10
RF = 180Ω
TIME (5ns/DIV)
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
AV = +10
RF = 180Ω
TIME (5ns/DIV)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
AV = +10
RF = 180Ω
3
0
-3
0.3
1
10
100
500
270
180
90
0
AV = +1
FREQUENCY (MHz)
AV = -1
AV = -1
AV = +1
VOUT = 200mVP-P
+RS = 510Ω (+1)
+RS = 0Ω (-1)
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
AV = +2
AV = +10
AV = +2
AV = +5
AV = +10
AV = +5
VOUT = 200mVP-P
RF = 510Ω (+2)
RF = 200Ω (+5)
RF = 180Ω (+10)
AV = +2
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
VOUT = 1.5VP-P
VOUT = 200mVP-P
VOUT = 5VP-P
VOUT = 5VP-P
VOUT = 200mVP-P
VOUT = 1.5VP-P
HFA1105


Similar Part No. - HFA1105_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105EVAL INTERSIL-HFA1105EVAL Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105IB RENESAS-HFA1105IB Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1105IB96 INTERSIL-HFA1105IB96 Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
More results

Similar Description - HFA1105_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com