Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5023IB Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA5023IB
Description  Dual 125MHz Video Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5023IB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA5023IB Datasheet HTML 6Page - Intersil Corporation HA5023IB Datasheet HTML 7Page - Intersil Corporation HA5023IB Datasheet HTML 8Page - Intersil Corporation HA5023IB Datasheet HTML 9Page - Intersil Corporation HA5023IB Datasheet HTML 10Page - Intersil Corporation HA5023IB Datasheet HTML 11Page - Intersil Corporation HA5023IB Datasheet HTML 12Page - Intersil Corporation HA5023IB Datasheet HTML 13Page - Intersil Corporation HA5023IB Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN3393.8
June 2, 2006
FIGURE 20. PROPAGATION DELAY vs TEMPERATURE
FIGURE 21. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 22. FIGURE 22. SLEW RATE vs TEMPERATURE
FIGURE 23. NON-INVERTING GAIN FLATNESS vs FREQUENCY
FIGURE 24. INVERTING GAIN FLATNESS vs FREQUENCY
FIGURE 25. INPUT NOISE CHARACTERISTICS
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25°C,
Unless Otherwise Specified (Continued)
TEMPERATURE (C)
-50
-25
0
25
50
75
100
125
8.0
7.5
7.0
6.5
6.0
RL = 100Ω
VOUT = 1.0VP-P
AV = +1
SUPPLY VOLTAGE (
±V)
12
10
8
6
4
3
5
7
9
11
13
15
RLOAD = 100Ω
VOUT = 1.0VP-P
AV = +10, RF = 383Ω
AV = +2, RF = 681Ω
AV = +1, RF = 1kΩ
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
500
450
400
350
300
250
200
150
100
VOUT = 2VP-P
+ SLEW RATE
- SLEW RATE
AV = +1, RF = 1kΩ
FREQUENCY (MHz)
510
15
20
25
30
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
VOUT = 0.2VP-P
CL = 10pF
AV = +2, RF = 681Ω
AV = +5, RF = 1kΩ
AV = +10, RF = 383Ω
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
FREQUENCY (MHz)
5
1015
20
2530
VOUT = 0.2VP-P
CL = 10pF
AV = -1
AV = -2
AV = -5
AV = -10
RF = 750Ω
FREQUENCY (kHz)
0.01
0.1
1
10
100
100
80
60
40
20
0
1000
800
600
400
200
0
AV = +10, RF = 383Ω
-INPUT NOISE CURRENT
+INPUT NOISE CURRENT
INPUT NOISE VOLTAGE
HA5023


Similar Part No. - HA5023IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023IB INTERSIL-HA5023IB Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023IBZ INTERSIL-HA5023IBZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023IBZ96 INTERSIL-HA5023IBZ96 Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
More results

Similar Description - HA5023IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com