Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1105IB96 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA1105IB96
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1105IB96 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA1105IB96 Datasheet HTML 4Page - Intersil Corporation HFA1105IB96 Datasheet HTML 5Page - Intersil Corporation HFA1105IB96 Datasheet HTML 6Page - Intersil Corporation HFA1105IB96 Datasheet HTML 7Page - Intersil Corporation HFA1105IB96 Datasheet HTML 8Page - Intersil Corporation HFA1105IB96 Datasheet HTML 9Page - Intersil Corporation HFA1105IB96 Datasheet HTML 10Page - Intersil Corporation HFA1105IB96 Datasheet HTML 11Page - Intersil Corporation HFA1105IB96 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN3395.8
June 6, 2006
FIGURE 15. FULL POWER BANDWIDTH
FIGURE 16. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 17. -3dB BANDWIDTH vs TEMPERATURE
FIGURE 18. GAIN FLATNESS
FIGURE 19. REVERSE ISOLATION
FIGURE 20. OUTPUT IMPEDANCE
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25°C, RL = 100Ω, Unless Otherwise Specified (Continued)
VOUT = 4VP-P (+1)
VOUT = 5VP-P (-1, +2)
+RS = 510Ω (+1)
3
0
-3
1
10
100
200
FREQUENCY (MHz)
AV = -1
AV = +1
AV = +2
RL = 1kΩ
RL = 500Ω
RL = 50Ω
RL = 100Ω
RL = 50Ω
RL = 100Ω
RL = 1kΩ
RL = 500Ω
3
0
-3
0.3
1
100
500
270
180
90
0
FREQUENCY (MHz)
VOUT = 200mVP-P
AV = +2
10
-100
-50
0
50
100
150
0
100
200
300
400
500
TEMPERATURE (
°C)
AV = +2
AV = +1
AV = +10
VOUT = 200mVP-P
RF = 180Ω (+10)
+RS = 510Ω (+1)
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
110
75
VOUT = 200mVP-P
+RS = 510Ω (+1)
FREQUENCY (MHz)
AV = +2
AV = +1
-40
-50
-60
-70
-80
-90
0.3
1
10
100
FREQUENCY (MHz)
VOUT = 2VP-P
AV = +1, +2
AV = -1
1K
100
10
1
0.1
0.01
0.3
1
10
100
FREQUENCY (MHz)
1000
AV = +2
HFA1105


Similar Part No. - HFA1105IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105IB96 INTERSIL-HFA1105IB96 Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105IB96 RENESAS-HFA1105IB96 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
More results

Similar Description - HFA1105IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com