Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1105IB96 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HFA1105IB96
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1105IB96 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HFA1105IB96 Datasheet HTML 4Page - Intersil Corporation HFA1105IB96 Datasheet HTML 5Page - Intersil Corporation HFA1105IB96 Datasheet HTML 6Page - Intersil Corporation HFA1105IB96 Datasheet HTML 7Page - Intersil Corporation HFA1105IB96 Datasheet HTML 8Page - Intersil Corporation HFA1105IB96 Datasheet HTML 9Page - Intersil Corporation HFA1105IB96 Datasheet HTML 10Page - Intersil Corporation HFA1105IB96 Datasheet HTML 11Page - Intersil Corporation HFA1105IB96 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN3395.8
June 6, 2006
Die Characteristics
DIE DIMENSIONS:
59 mils x 59 mils x 19 mils
1500
µm x 1500µm x 483µm
METALLIZATION:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å ±0.4kÅ
Type: Metal 2: AICu(2%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
PASSIVATION:
Type: Nitride
Thickness: 4k
Å ±0.5kÅ
TRANSISTOR COUNT:
75
SUBSTRATE POTENTIAL (POWERED UP):
Floating (Recommend Connection to V-)
Metallization Mask Layout
HFA1105
V-
NC
OUT
+IN
-IN
V+
NC
HFA1105


Similar Part No. - HFA1105IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105IB96 INTERSIL-HFA1105IB96 Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105IB96 RENESAS-HFA1105IB96 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
More results

Similar Description - HFA1105IB96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com