Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1105IBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA1105IBZ
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1105IBZ Datasheet(HTML) 4 Page - Intersil Corporation

  HFA1105IBZ Datasheet HTML 1Page - Intersil Corporation HFA1105IBZ Datasheet HTML 2Page - Intersil Corporation HFA1105IBZ Datasheet HTML 3Page - Intersil Corporation HFA1105IBZ Datasheet HTML 4Page - Intersil Corporation HFA1105IBZ Datasheet HTML 5Page - Intersil Corporation HFA1105IBZ Datasheet HTML 6Page - Intersil Corporation HFA1105IBZ Datasheet HTML 7Page - Intersil Corporation HFA1105IBZ Datasheet HTML 8Page - Intersil Corporation HFA1105IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN3395.8
June 6, 2006
TRANSIENT CHARACTERISTICS
AV = +2, RF = 510Ω, Unless Otherwise Specified
Rise and Fall Times
VOUT = 0.5VP-P
B
25
-
1.1
-
ns
B
Full
-
1.4
-
ns
Overshoot (Note 6)
(VOUT = 0 to 0.5V, VIN tRISE = 1ns)
+OS
B
25
-
3
-
%
-OS
B
25
-
5
-
%
Overshoot (Note 6)
(VOUT = 0.5VP-P, VIN tRISE = 1ns)
+OS
B
25
-
3
-
%
-OS
B
25
-
11
-
%
Slew Rate
(VOUT = 4VP-P, AV = +1, +RS = 510Ω)
+SR
B
25
-
1000
-
V/
µs
B
Full
-
975
-
V/
µs
-SR (Note 7)
B
25
-
650
-
V/
µs
B
Full
-
580
-
V/
µs
Slew Rate
(VOUT = 5VP-P, AV = +2)
+SR
B
25
-
1400
-
V/
µs
B
Full
-
1200
-
V/
µs
-SR (Note 7)
B
25
-
800
-
V/
µs
B
Full
-
700
-
V/
µs
Slew Rate
(VOUT = 5VP-P, AV = -1)
+SR
B
25
-
2100
-
V/
µs
B
Full
-
1900
-
V/
µs
-SR (Note 7)
B
25
-
1000
-
V/
µs
B
Full
-
900
-
V/
µs
Settling Time
(VOUT = +2V to 0V step, Note 8)
To 0.1%
B
25
-
15
-
ns
To 0.05%
B
25
-
23
-
ns
To 0.02%
B
25
-
30
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
8.5
-
ns
VIDEO CHARACTERISTICS
AV = +2, RF = 510Ω, Unless Otherwise Specified
Differential Gain
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
-
%
RL = 75Ω
B
25
-
0.03
-
%
Differential Phase
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.03
-
°
RL = 75Ω
B
25
-
0.05
-
°
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 8)
A
25
-
5.8
6.1
mA
A
Full
-
5.9
6.3
mA
NOTES:
5. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
6. Undershoot dominates for output signal swings below GND (e.g., 0.5VP-P), yielding a higher overshoot limit compared to the VOUT = 0 to 0.5V
condition. See the “Application Information” section for details.
7. Slew rates are asymmetrical if the output swings below GND (e.g. a bipolar signal). Positive unipolar output signals have symmetric positive and
negative slew rates comparable to the +SR specification. See the “Application Information” section, and the pulse response graphs for details.
8. See Typical Performance Curves for more information.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510W, RL = 100W, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 5)
TEST
LEVEL
TEMP.
(°C)
MIN
TYP
MAX
UNITS
HFA1105


Similar Part No. - HFA1105IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105IBZ INTERSIL-HFA1105IBZ Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105IBZ RENESAS-HFA1105IBZ Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1105IBZ96 INTERSIL-HFA1105IBZ96 Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105IBZ96 RENESAS-HFA1105IBZ96 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
More results

Similar Description - HFA1105IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com