Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7621BCPA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7621BCPA
Description  Dual, Low Power CMOS Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7621BCPA Datasheet(HTML) 6 Page - Intersil Corporation

  ICL7621BCPA Datasheet HTML 1Page - Intersil Corporation ICL7621BCPA Datasheet HTML 2Page - Intersil Corporation ICL7621BCPA Datasheet HTML 3Page - Intersil Corporation ICL7621BCPA Datasheet HTML 4Page - Intersil Corporation ICL7621BCPA Datasheet HTML 5Page - Intersil Corporation ICL7621BCPA Datasheet HTML 6Page - Intersil Corporation ICL7621BCPA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 12. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 13. COMMON MODE REJECTION RATIO vs FREE-AIR
TEMPERATURE
FIGURE 14. POWER SUPPLY REJECTION RATIO vs FREE-AIR
TEMPERATURE
FIGURE 15. EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
FIGURE 16. OUTPUT VOLTAGE vs FREQUENCY
FIGURE 17. OUTPUT SINK CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
107
106
104
103
102
10
1
105
0.1
1.0
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
TA =25
oC
VSUPPLY =15V
IQ =100µA
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (oC)
-75
105
100
95
90
85
80
75
70
VSUPPLY =10V
IQ = 100µA
100
95
90
85
80
75
70
65
-50
-25
0
25
50
75
100
125
-75
FREE-AIR TEMPERATURE (oC)
IQ = 100µA
VSUPPLY =10V
600
500
400
300
200
100
0
10
100
1K
10K
100K
FREQUENCY (Hz)
TA =25
oC
3V
≤ VSUPPLY ≤ 16V
16
14
12
10
8
6
4
2
0
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
VSUPPLY
=
±8V
VSUPPLY
=
±5V
VSUPPLY
=
±2V
IQ = 100µA
TA =25
oC
0.01
0.1
1.0
10
0
2
4
6
810
12
1416
SUPPLY VOLTAGE (V)
IQ = 100µA
ICL7621


Similar Part No. - ICL7621BCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7621BCPA MAXIM-ICL7621BCPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7621BCPA MAXIM-ICL7621BCPA Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7621BCPA MAXIM-ICL7621BCPA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7621BCPA MAXIM-ICL7621BCPA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7621BCPA MAXIM-ICL7621BCPA Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results

Similar Description - ICL7621BCPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com