Selected language     English  â–¼


Q-5962D9569301V9A Datasheet(PDF) 4 Page - Intersil Corporation

Part No. Q-5962D9569301V9A
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 4 page
background image
4
FN3544.4
March 13, 2006
Schematic Diagrams
FIGURE 4. ADDRESS INPUT BUFFER AND LEVEL SHIFTER
FIGURE 5. ADDRESS DECODER
FIGURE 6. MULTIPLEX SWITCH
N
N
N
V-
N
P
V+
N
P
N
P
P
P
LEVEL SHIFTER
ADD
IN.
200
Ω
V-
V+
D1
D2
R1
N
N
N
N
P
PP
P
R5
R6
R7
R8
R2
R3
R4
OVERVOLTAGE
PROTECTION
V+
R10
R9
Q1
Q4
D3
TTL REFERENCE CIRCUIT
LEVEL
SHIFTED
ADDRESS
TO
DECODE
P
LEVEL
SHIFTED
ADDRESS
TO
DECODE
+V
ENABLE
PP
P
P
P
P
NN
N
N
N
N
A0 OR A0
A1 OR A1
A2 OR A2
TO P-CHANNEL DEVICE OF THE SWITCH PAIR
TO N-CHANNEL DEVICE OF THE SWITCH PAIR
V-
D6
D7
D4
D5
V
OUT
IN
R11
1K
FROM
DECODE
FROM
DECODE
OVERVOLTAGE
PROTECTION
V+
Q6
N
N
N
Q5
P
P
HS-0546RH, HS-0547RH




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-0548RH_01Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-546_05Single 16 and 8 Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506A_0416-Channel 8-Channel Differential 8-Channel and Differential 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506_05Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG408_06Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG508AMILSingle 8-Ch/Differential 4-Ch CMOS Analog Multiplexers 1 2 3 4 5 MoreVishay Siliconix
DG406_06Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
WM8150_05Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output 1 2 3 4 5 MoreWolfson Microelectronics plc
NUS2045MNOvervoltage Protection IC with Integrated MOSFET 1 2 3 4 5 MoreON Semiconductor
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl