Selected language     English  ā–¼


Q-5962D9569301VXC Datasheet(PDF) 3 Page - Intersil Corporation

Part No. Q-5962D9569301VXC
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 3 page
background image
3
FN3544.4
March 13, 2006
Switching Waveforms
FIGURE 1. ACCESS TIME
FIGURE 2. BREAK-BEFORE-MAKE DELAY (tOPEN)
FIGURE 3. ENABLE DELAY tON(EN), tOFF(EN)
ADDRESS
DRIVE (VA)
OUTPUT A
VAH = 4.0
0V
-10V
-8V
+10V
50%
tA
EN
VAH
OUT
IN 1
10K
IN 16
IN 2 THRU IN 15
GND
VA
A3
A2
A1
VOUT
A0
10V
Ā±10V
200ns/DIV
VA INPUT
2V/DIV.
OUTPUT A
5V/DIV.
CH1 ON
CH16 ON
50%
0V
ADDRESS
DRIVE (VA)
50%
VAH = 4.0
tOPEN
OUTPUT
VAH
OUT
+5V
IN 1
1K
IN 16
IN 2 THRU IN 15
GND
VA
VOUT
EN
A3
A1
A0
A2
VA INPUT
2V/DIV.
OUTPUT
1V/DIV.
100ns/DIV
0V
OUTPUT
50%
90%
90%
VAH = 4.0
tON(EN)
(EN)
tOFF
+10V
IN 2 THRU IN 16
GND
OUT
IN 1
1K
VA
EN
A3
A2
A1
A0
OUTPUT
4V/DIV.
100ns/DIV
CH1 OFF
CH1 ON
HS-0546RH, HS-0547RH




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-0548RH_01Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-546_05Single 16 and 8 Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506A_0416-Channel 8-Channel Differential 8-Channel and Differential 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506_05Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG408_06Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG508AMILSingle 8-Ch/Differential 4-Ch CMOS Analog Multiplexers 1 2 3 4 5 MoreVishay Siliconix
DG406_06Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
WM8150_05Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output 1 2 3 4 5 MoreWolfson Microelectronics plc
NUS2045MNOvervoltage Protection IC with Integrated MOSFET 1 2 3 4 5 MoreON Semiconductor
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl