Selected language     English  ▼


Q-5962D9569302V9A Datasheet(PDF) 5 Page - Intersil Corporation

Part No. Q-5962D9569302V9A
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 5 page
background image
5
FN3544.4
March 13, 2006
Irradiation Circuit
Burn-In/Life Test Circuits
DYNAMIC AND LIFE TEST
NOTES:
1. The Dynamic Test Circuit is utilized for all life testing.
2. V1 = +15V minimum, +16V maximum.
3. V2 = -15V maximum, -16V minimum.
4. R1, R2 = 10k
Ω, ±5%, 1/4 or 1/2W (per socket).
5. C1, C2 = 0.01
µF minimum (per socket) or 0.1µF minimum
(per row).
6. D1, D2 = 1N4002 or equivalent (per board).
7. F0 = 100kHz, 10%; F1 = F0/2; F2 = F1/2; F3 = F2/2; F4 = F3/2
40% - 60% duty cycle; VIL = 0.8V maximum;
VIH = 4.0V minimum.
STATIC
NOTES:
8. V1 =
+5V minimum, +6V maximum.
9. V2 =
+15V minimum, +16V maximum.
10. V3 = -15V maximum, -16V minimum.
11. R1, R2 = 10k
Ω, ±5%, 1/4 or 1/2W (per socket).
12. C1, C2 = 0.01
µF minimum (per socket) or 0.1µF minimum
(per row).
13. D1, D2 = 1N4002 or equivalent (per board).
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D2 C2
V2
R2
R1
D1
C1
F3
V1
F4
F0
F1
F2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D2 C2
V3
R2
R1
D1
C1
V2
V1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
10k
+15V
+1V
+5V
NC
-15V
10k
HS-0546RH, HS-0547RH




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-0548RH_01Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-546_05Single 16 and 8 Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506A_0416-Channel 8-Channel Differential 8-Channel and Differential 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506_05Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG408_06Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG508AMILSingle 8-Ch/Differential 4-Ch CMOS Analog Multiplexers 1 2 3 4 5 MoreVishay Siliconix
DG406_06Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
WM8150_05Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output 1 2 3 4 5 MoreWolfson Microelectronics plc
NUS2045MNOvervoltage Protection IC with Integrated MOSFET 1 2 3 4 5 MoreON Semiconductor
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl