Selected language     English  â–Ľ


Q-5962D9569302V9A Datasheet(PDF) 6 Page - Intersil Corporation

Part No. Q-5962D9569302V9A
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 6 page
background image
6
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN3544.4
March 13, 2006
Die Characteristics
DIE DIMENSIONS:
83.9 mils x 159 mils x 19 mils
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 7k
Å ±0.7kÅ
Top Metallization:
Type: Al
Thickness: 16k
Å ±2kÅ
Substrate:
CMOS, DI
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION:
Worst Case Current Density:
1.4 x 105 A/cm2
Transistor Count:
HS-0546 - 485
HS-0547 - 485
Metallization Mask Layout
HS-0546RH
HS-0547RH
EN
A1
A0
A3
A2
VREF
GND
IN 9
IN 10
IN 11
IN 12
IN 13
IN 14
IN 15
IN 16
IN 1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
IN 8
-V
OUT
+V
NC
EN
A1
A0
NC
A2
VREF
GND
IN 1B
IN 2B
IN 3B
IN 4B
IN 5B
IN 6B
IN 7B
IN 8B
IN 1A
IN 2A
IN 3A
IN 4A
IN 5A
IN 6A
IN 7A
IN 8A
-V
OUT A
+V
OUT B
HS-0546RH, HS-0547RH




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-0548RH_01Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-546_05Single 16 and 8 Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506A_0416-Channel 8-Channel Differential 8-Channel and Differential 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 1 2 3 4 5 MoreIntersil Corporation
HI-506_05Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG408_06Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
DG508AMILSingle 8-Ch/Differential 4-Ch CMOS Analog Multiplexers 1 2 3 4 5 MoreVishay Siliconix
DG406_06Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers 1 2 3 4 5 MoreIntersil Corporation
WM8150_05Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output 1 2 3 4 5 MoreWolfson Microelectronics plc
NUS2045MNOvervoltage Protection IC with Integrated MOSFET 1 2 3 4 5 MoreON Semiconductor
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl