Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1569 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-1569
Description  5V Monolithic Dual Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1569 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-1569 Datasheet HTML 1Page - Holt Integrated Circuits HI-1569 Datasheet HTML 2Page - Holt Integrated Circuits HI-1569 Datasheet HTML 3Page - Holt Integrated Circuits HI-1569 Datasheet HTML 4Page - Holt Integrated Circuits HI-1569 Datasheet HTML 5Page - Holt Integrated Circuits HI-1569 Datasheet HTML 6Page - Holt Integrated Circuits HI-1569 Datasheet HTML 7Page - Holt Integrated Circuits HI-1569 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HI-1569
MIL-STD-1553 / 1760
5V Monolithic Dual Transceiver
DESCRIPTION
FEATURES
The HI-1569 is a low power CMOS dual transceiver
designed to meet the requirements of MIL-STD-1553
/1760 specifications.
The transmitter section of each channel takes
complementary CMOS / TTL digital input data and
converts it to bi-phase Manchester encoded 1553 signals
suitable for driving the bus isolation transformer. Separate
transmitter inhibit control signals are provided for each
transmitter.
The receiver section of each channel converts the 1553
bus bi-phase data to complementary CMOS / TTL data
suitable for inputting to a Manchester decoder. Each
receiver has a separate enable input which can be used to
force the output of the receiver to a logic 0.
The transmitter outputs and receiver inputs for each
channel are brought out to separate sets of pins. For typical
MIL-STD-1553 applications the transmitter output and
receiver input will be tied together at the isolation
transformer.
!
!
!
!
!
!
Compliant to MIL-STD-1553A & B,
MIL-STD-1760, ARINC 708A
CMOS technology for low standby power
Single 5V power supply
Less than 1.0W maximum power dissipation
Military processing options
Industry standard 64-pin PQFP package
August 2006
(DS1569 Rev. C)
08/06
HOLT INTEGRATED CIRCUITS
www.holtic.com
PIN CONFIGURATION
(Top View)
64 - Pin Plastic Quad Flat Pack (PQFP)
HI-1569
48 -
47 - RXENA
46 - RXA
45 - N/C
44 - VDD A
43 - N/C
42 - N/C
41 - N/C
40 - GND A
39 -
OUT
38 -
OUT
37 - VDD B
36 - VDD B
35 - BUSB OUT
34 - BUSB OUT
33 - GND B
RXA
BUSB
BUSB
GND A - 1
BUSA OUT - 2
BUSA OUT - 3
VDD A - 4
VDD A - 5
OUT - 6
OUT - 7
GNDB- 8
N/C - 9
N/C-10
N/C-11
VDDB-12
N/C-13
RXB-14
RXENB - 15
-16
BUSA
BUSA
RXB


Similar Part No. - HI-1569

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1569 HOLTIC-HI-1569 Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
HI-1569PQI HOLTIC-HI-1569PQI Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
HI-1569PQM HOLTIC-HI-1569PQM Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
HI-1569PQT HOLTIC-HI-1569PQT Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
More results

Similar Description - HI-1569

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1569 HOLTIC-HI-1569 Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1570 HOLTIC-HI-1570_09 Datasheet
89Kb / 11P
   5V Monolithic Dual Variable AmplitudeTransceiver
HI-1570 HOLTIC-HI-1570 Datasheet
77Kb / 9P
   5V Monolithic Dual Variable AmplitudeTransceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com