Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1569PQM Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-1569PQM
Description  5V Monolithic Dual Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1569PQM Datasheet(HTML) 8 Page - Holt Integrated Circuits

  HI-1569PQM Datasheet HTML 1Page - Holt Integrated Circuits HI-1569PQM Datasheet HTML 2Page - Holt Integrated Circuits HI-1569PQM Datasheet HTML 3Page - Holt Integrated Circuits HI-1569PQM Datasheet HTML 4Page - Holt Integrated Circuits HI-1569PQM Datasheet HTML 5Page - Holt Integrated Circuits HI-1569PQM Datasheet HTML 6Page - Holt Integrated Circuits HI-1569PQM Datasheet HTML 7Page - Holt Integrated Circuits HI-1569PQM Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
7
Package Type:
0°£ Q £7°
DETAIL A
See Detail A
.055 ± .002
(1.40 ± .05)
.063 Max.
(1.60 Max )
.008 R typ
(0.2 R typ)
.014 ± .002
(.35 ± .05)
.031 BSC
(0.8 BSC)
.012 R typ
(.300 R typ )
.024 ± .006
(.60 ± .15)
.040 ± .006
(1.0 ± .150)
Typ.
.551 ± .004
(14.00 ± .10) SQ.
.630 ± .010
(16.00 ± .25)
SQ.
64PQS
64-PIN PLASTIC QUAD FLAT PACK (PQFP)
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-1569PQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1569PQM HOLTIC-HI-1569PQM Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
More results

Similar Description - HI-1569PQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1569 HOLTIC-HI-1569 Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1570 HOLTIC-HI-1570_09 Datasheet
89Kb / 11P
   5V Monolithic Dual Variable AmplitudeTransceiver
HI-1570 HOLTIC-HI-1570 Datasheet
77Kb / 9P
   5V Monolithic Dual Variable AmplitudeTransceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com