Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X80VZPIZ Datasheet(PDF) 11 Page - Winbond

Part # W25X80VZPIZ
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X80VZPIZ Datasheet(HTML) 11 Page - Winbond

Back Button W25X80VZPIZ Datasheet HTML 7Page - Winbond W25X80VZPIZ Datasheet HTML 8Page - Winbond W25X80VZPIZ Datasheet HTML 9Page - Winbond W25X80VZPIZ Datasheet HTML 10Page - Winbond W25X80VZPIZ Datasheet HTML 11Page - Winbond W25X80VZPIZ Datasheet HTML 12Page - Winbond W25X80VZPIZ Datasheet HTML 13Page - Winbond W25X80VZPIZ Datasheet HTML 14Page - Winbond W25X80VZPIZ Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
W25X10, W25X20, W25X40, W25X80
Publication Release Date: September 22, 2006
- 11 -
Preliminary - Revision I
10. CONTROL AND STATUS REGISTERS
The Read Status Register instruction can be used to provide status on the availability of the Flash
memory array, if the device is write enabled or disabled, and the state of write protection. The Write
Status Register instruction can be used to configure the devices write protection features. See Figure 3.
10.1 STATUS REGISTER
10.1.1 BUSY
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing
a Page Program, Sector Erase, Block Erase, Chip Erase or Write Status Register instruction. During
this time the device will ignore further instructions except for the Read Status Register instruction (see
tW, tPP, tSE, TBE, and tCE in AC Characteristics). When the program, erase or write status register
instruction has completed, the BUSY bit will be cleared to a 0 state indicating the device is ready for
further instructions.
10.1.2 Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to a 1 after executing
a Write Enable Instruction. The WEL status bit is cleared to a 0 when the device is write disabled. A
write disable state occurs upon power-up or after any of the following instructions: Write Disable, Page
Program, Sector Erase, Block Erase, Chip Erase and Write Status Register.
10.1.3 Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, and BP0) are non-volatile read/write bits in the status register (S4,
S3, and S2) that provide Write Protection control and status. Block Protect bits can be set using the
Write Status Register Instruction (see tW in AC characteristics). All, none or a portion of the memory
array can be protected from Program and Erase instructions (see Status Register Memory Protection
table). The factory default setting for the Block Protection Bits is 0, none of the array protected. The
Block Protect bits can not be written to if the Status Register Protect (SRP) bit is set to 1 and the Write
Protect (/WP) pin is low.
10.1.4 Top/Bottom Block Protect (TB)
The Top/Bottom bit (TB) controls if the Block Protect Bits (BP2, BP1, BP0) protect from the Top
(TB=0) or the Bottom (TB=1) of the array as shown in the Status Register Memory Protection table.
The TB bit is non-volatile and the factory default setting is TB=0. The TB bit can be set with the Write
Status Register Instruction provided that the Write Enable instruction has been issued. The TB bit can
not be written to if the Status Register Protect (SRP) bit is set to 1 and the Write Protect (/WP) pin is
low.
10.1.5 Reserved Bits
Status register bit location S6 is reserved for future use. Current devices will read 0 for this bit
location. It is recommended to mask out the reserved bit when testing the Status Register. Doing this
will ensure compatibility with future devices.


Similar Part No. - W25X80VZPIZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X80VZPIZ WINBOND-W25X80VZPIZ Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results

Similar Description - W25X80VZPIZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com