Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1575PCI Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-1575PCI
Description  3.3V Dual Transceivers with Integrated Encoder / Decoders
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1575PCI Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-1575PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 9Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 10Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 11Page - Holt Integrated Circuits HI-1575PCI Datasheet HTML 12Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HOLT INTEGRATED CIRCUITS
11
HI-1575
PART NUMBER
PACKAGE STYLE
CONDITION
JUNCTION TEMPERATURE
HI-1575PCI / T
32 pin PQFP
40 pin LPCC
Heat sink pad
soldered
Mounted on
circuit board
HI-1575PQI / T
59.5
°C / W
27.5
°C / W
TBD°C
T = 25°C
A
q
JA
T = 85°C
A
T = 125°C
A
TBD°C
TBD°C
TBD°C
TBD°C
TBD°C
Data taken at VDD = 3.3V, continuous data transmission at 1 Mbit/s, single transmitter enabled.
THERMAL CHARACTERISTICS
ORDERING INFORMATION
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
32 PIN PLASTIC PQFP
40 PIN CHIP SCALE PACKAGE (PCM not available)
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
-55°C TO +125°C
NO
YES
T
M
HI - 1575 xx x x
PART
NUMBER
T
M
I
PART
NUMBER
PQ
PC
PART
NUMBER
LEAD
FINISH
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank


Similar Part No. - HI-1575PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
More results

Similar Description - HI-1575PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
logo
Analog Devices
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Linear Technology
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com