Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR120-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MUR120-B
Description  1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MUR120-B Datasheet(HTML) 1 Page - Diodes Incorporated

  MUR120-B Datasheet HTML 1Page - Diodes Incorporated MUR120-B Datasheet HTML 2Page - Diodes Incorporated MUR120-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30178 Rev. 3 - 2
1 of 3
MUR120
www.diodes.com
ã Diodes Incorporated
MUR120
1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
Maximum Ratings and Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Mechanical Data
DO-41 Plastic
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4V DC.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 6.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
·
Glass Passivated Die Construction
·
Super-Fast Recovery Time For High Efficiency
·
Low Forward Voltage Drop and High Current Capability
·
Surge Overload Rating to 35A Peak
·
Lead Free Finish, RoHS Compliant (Note 3)
·
Case: DO-41
·
Case Material: Molded Plastic
. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Last Page
·
Marking: R120
·
Weight: 0.34 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Average Rectified Output Current
@ TL = 130
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
35
A
Forward Voltage
@ IF = 1.0A, TJ = 25°C
@ IF = 1.0A, TJ = 150°C
VFM
0.875
0.710
V
Peak Reverse Current
@ TJ = 25
°C
at Rated DC Blocking Voltage
@ TJ = 150
°C
IRM
2.0
50
mA
Reverse Recovery Time (Note 2)
trr
25
ns
Typical Junction Capacitance (Note 1)
Cj
27
pF
Typical Thermal Resistance, Junction to Lead
RqJL
50
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
A
A
B
C
D
SPICE MODEL: MUR120


Similar Part No. - MUR120-B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR120-E3 VISHAY-MUR120-E3 Datasheet
71Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 15-Aug-13
MUR120-E3/54 VISHAY-MUR120-E3/54 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR120-E3/73 VISHAY-MUR120-E3/73 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
Frontier Electronics.
MUR120-LFR FRONTIER-MUR120-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
MUR120-MUR190 LUGUANG-MUR120-MUR190 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
More results

Similar Description - MUR120-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF10AG DIODES-SF10AG_1 Datasheet
380Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24012 Rev. 4 - 2
SF10AG DIODES-SF10AG Datasheet
62Kb / 2P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24012 Rev. A1-2
MUR120 DIODES-MUR120_15 Datasheet
108Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
SF10AG DIODES-SF10AG_15 Datasheet
221Kb / 4P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
EMS1F ZSELEC-EMS1F Datasheet
96Kb / 2P
   SUPER FAST SURFACE MOUNT 1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
1N4933G DIODES-1N4933G Datasheet
62Kb / 2P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
1N4933G DIODES-1N4933G_2 Datasheet
85Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1001G DIODES-PR1001G_15 Datasheet
162Kb / 4P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com