Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V4TS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZX84C2V4TS
Description  TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C2V4TS Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84C2V4TS_1 Datasheet HTML 1Page - Diodes Incorporated BZX84C2V4TS_1 Datasheet HTML 2Page - Diodes Incorporated BZX84C2V4TS_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30187 Rev. 9 - 2
1 of 3
BZX84C2V4TS - BZX84C39TS
www.diodes.com
© Diodes Incorporated
BZX84C2V4TS - BZX84C39TS
TRIPLE SURFACE MOUNT ZENER DIODE
ARRAY
Features
Zener Voltages from 2.4 - 39V
Three Isolated Diode Elements in a Single Ultra-Small
Surface Mount Package
Lead Free/RoHS Compliant (Note 5)
Case: SOT-363
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Orientation: See Diagram
Marking: Date Code and Marking Code
(See Page 2)
Weight: 0.006 grams (approximate)
Mechanical Data
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
KXX YM
C
3
C
1
C
2
A
2
A
3
A
1
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
All Dimensions in mm
* Add “-7-F” to the appropriate type number in Table 1 from Sheet 2 example: 6.2V Zener = BZX84C6V2TS-7-F.
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1KHz.
4. For Packaging Details, got to our website at http://www.diodes.com/datasheets/ap02007.pdf.
5. No purposefully added lead.
Device
Packaging
Shipping
(Type Number)-7-F
SOT-363
3000/Tape & Reel
Ordering Information (Note 4)
Lead-free
SPICE MODELS: BZX84C2V4TS BZX84C2V7TS BZX84C3V0TS BZX84C3V3TS BZX84C3V6TS BZX84C3V9TS BZX84C4V3TS BZX84C4V7TS BZX84C5V1TS
BZX84C5V6TS BZX84C6V2TS BZX84C6V8TS BZX84C7V5TS BZX84C8V2TS BZX84C9V1TS BZX84C10TS BZX84C11TS BZX84C12TS BZX84C13TS
BZX84C15TS BZX84C16TS BZX84C18TS BZX84C20TS BZX84C22TS BZX84C24TS BZX84C27TS BZX84C30TS BZX84C33TS BZX84C36TS BZX84C39TS


Similar Part No. - BZX84C2V4TS_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
More results

Similar Description - BZX84C2V4TS_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com