Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3185PSI-N Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-3185PSI-N
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3185PSI-N Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-3185PSI-N Datasheet HTML 1Page - Holt Integrated Circuits HI-3185PSI-N Datasheet HTML 2Page - Holt Integrated Circuits HI-3185PSI-N Datasheet HTML 3Page - Holt Integrated Circuits HI-3185PSI-N Datasheet HTML 4Page - Holt Integrated Circuits HI-3185PSI-N Datasheet HTML 5Page - Holt Integrated Circuits HI-3185PSI-N Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FUNCTIONAL DESCRIPTION
The SYNC and CLOCK inputs establish data synchronization
utilizing two AND gates, one for each data input (figure 2).
Each logic input is TTL/CMOS compatible.
Figure 1 illustrates a typical ARINC 429 bus application.
Three power supplies are necessary to operate the HI-318X;
typically +15V, -15V and +5V. The chip also works with ±12V
supplies. The +5V supply can also provide a reference
voltage that determines the output voltage swing.
The
differential output voltage swing will equal 2V
. If a value of
V
other than +5V is needed, a separate +5V power supply
is required for pin V .
With the DATA (A) input at a logic high and DATA (B) input at a
logic low, A
will switch to the +V
rail and B
will
switch to the -V
rail (ARINC HIGH state). With both data
input signals at a logic low state, the outputs will both switch to
0V (ARINC NULL state).
The driver output impedance, R
, is nominally 75 ohms.
The rise and fall times of the outputs can be calibrated through
the selection of two external capacitor values th
re
connected to the C
and C
input pins. Typical values for
high-speed operation (100KBPS) are C = C = 75pF and for
low-speed operation (12.5 to 14KBPS) C = C = 500pF.
REF
REF
OUT
REF
OUT
REF
OUT
1
AB
AB
AB
at a
The C and C pins swing between +5V and ground allowing
the switching of capacitor values with an external single-
supply analog switch.
AB
The ARINC outputs of the HI-3182, are protected by internal
fuses capable of sinking between 800 - 900 mA for short
periods of time (125 s).
m
The Vref pin has an internal pull-up resistor to V+, allowing the
use of a simple external zener diode to set the reference
voltage.
POWER SUPPLY SEQUENCING
The power supplies should be controlled to prevent large
currents during supply turn-on and turn-off. The
recommended sequence is +V followed by V , always
ensuring that +V is the most positive supply. The -V supply is
not critical and can be asserted at any time.
1
HI-3182PSx-N, HI-3185PSx-N
DATA (A)
OUT
DATA (B)
INPUTS
TO ARINC BUS
A
OUT
B
REF
V
1
V
SYNC
CLOCK
-V
+V
GND
B
A
C
C
-15V
+15V
+5V
Figure 1. ARINC 429 BUS APPLICATION
Figure 2. FUNCTIONAL BLOCK DIAGRAM
OUT
B
CL
REF
FA
RL
FB
OUT
A
OUTPUT
DRIVER (B)
OUTPUT
DRIVER (A)
B
C
GND
-V
DATA (A)
DATA (B)
SYNC
CLOCK
V1
A
C
V
+V
LEVEL SHIFTER
AND SLOPE
CONTROL (B)
LEVEL SHIFTER
AND SLOPE
CONTROL (A)
CURRENT
REGULATOR
13
W
13
W
24.5
W
Shorted on
HI-3185PSx-N
24.5
W
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-3185PSI-N

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3185PSI HOLTIC-HI-3185PSI Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3185PSI HOLTIC-HI-3185PSI Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3185PSI HOLTIC-HI-3185PSI Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3185PSIF HOLTIC-HI-3185PSIF Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3185PSIF HOLTIC-HI-3185PSIF Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-3185PSI-N

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com