Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3182CLI Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-3182CLI
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3182CLI Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-3182CLI Datasheet HTML 3Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 4Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 5Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 6Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 7Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 8Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 9Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 10Page - Holt Integrated Circuits HI-3182CLI Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HI-318X PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
9
.0105 ± .0015
(.2667 ± .0381)
.295 ± .004
(7.493 ± .102)
0° to 8°
Detail A
Detail A
Bottom
View
Package Type: 16HWE
.090 ± .010
(2.286 ± .254)
.0025 ± .0015
(.0635 ± .0381)
.033 ± .017
(.838 ± .432)
.4065 ± .0125
(10.325 ± .318)
.405 ± .008
(10.287 ± .203)
.190 ± .010
(4.826 ± .254)
.050 ± .010
(1.270 ± .254)
.0165 ± .0035
(.4191 ± .0889)
Top View
.240 ± .010
(6.096 ± .254)
16-PIN PLASTIC SMALL OUTLINE (ESOIC) - WB
(Wide Body, Thermally Enhanced)
Package Type:
.125 MIN
(3.175 MIN)
BASE
PLANE
SEATING
PLANE
.050 ± .005
(1.270 ± .127)
.295 ± .010
(7.493 ± .254)
PIN 1
.200 MAX
(5.080 MAX)
.018 ± .002
(.457 ± .051)
.100 BSC
(2.540 BSC)
.010 ± .002
(.254 ± .051)
.035 ± .010
(.889 ± .254)
.810 MAX
(20.574 MAX)
.300 ± .010
(7.620 ± .254)
16-PIN CERAMIC SIDE-BRAZED DIP
16C
Electrically isolated metal
heat sink on bottom of
package
(Connect to any ground or
power plane for optimum
thermal dissipation)


Similar Part No. - HI-3182CLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182CLI HOLTIC-HI-3182CLI Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182CLI HOLTIC-HI-3182CLI Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-3182CLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com