Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3584 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-3584
Description  Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3584 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-3584 Datasheet HTML 2Page - Holt Integrated Circuits HI-3584 Datasheet HTML 3Page - Holt Integrated Circuits HI-3584 Datasheet HTML 4Page - Holt Integrated Circuits HI-3584 Datasheet HTML 5Page - Holt Integrated Circuits HI-3584 Datasheet HTML 6Page - Holt Integrated Circuits HI-3584 Datasheet HTML 7Page - Holt Integrated Circuits HI-3584 Datasheet HTML 8Page - Holt Integrated Circuits HI-3584 Datasheet HTML 9Page - Holt Integrated Circuits HI-3584 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FUNCTIONAL DESCRIPTION (cont.)
READING LABELS
After the write that changes CR1 from 0 to 1, the next 16 data
reads of the selected receiver (
taken low) are labels.
is
used to read labels for receiver 1, and
to read labels for
receiver 2. Label data is presented on BD00 - BD07.
When writing to, or reading from the label memory, SEL must be a
one, all 16 locations should be accessed, and CR1 must be
written to zero before returning to normal operation. Label
recognition must be disabled (CR2/3=0) during the label read
sequence.
EN
EN1
EN2
TRANSMITTER
FIFO OPERATION
The FIFO is loaded sequentially by first pulsing
to load byte 1
and then
to load byte 2. The control logic automatically loads
the 31 bit word (or 32 bit word if CR4=0) in the next available
position of the FIFO. If TX/R, the transmitter ready flag is high
(FIFO empty), then up to 32 words, each 31 or 32 bits long, may
be loaded. If TX/R is low, then only the available positions may be
loaded. If all 32 positions are full, the
flag is asserted and the
FIFO ignores further attempts to load data.
A transmitter FIFO half-full flag
is provided. When the
transmit FIFO contains less than 16 words,
is high,
indicating to the system microprocessor that a 16 ARINC word
block write sequence can be initiated.
In normal operation (CR4=1), the 32nd bit transmitted is a parity
bit. Odd or even parity is selected by programming control
register bit CR12 to a zero or one. If CR4 is programmed to a 0,
then all 32-bits of data loaded into the transmitter FIFO are
treated as data and are transmitted.
PL1
PL2
FFT
HFT
HFT
CR4,12
FIGURE 3.
TRANSMITTER BLOCK DIAGRAM
DATA
CLOCK
CR13
PL1
PL2
CLK
TX CLK
PARITY
GENERATOR
DATA AND
NULL TIMER
SEQUENCER
BIT
AND
WORD GAP
COUNTER
START
SEQUENCE
WORD COUNTER
AND
FIFO CONTROL
INCREMENT
WORD COUNT
DATA CLOCK
DIVIDER
FIFO
LOADING
SEQUENCER
429DO
429DO
32 x 32 FIFO
32 BIT PARALLEL
LOAD SHIFT REGISTER
BIT CLOCK
WORD CLOCK
ADDRESS
LOAD
DATA BUS
TX/R
ENTX
The chip compares the incoming label to the stored labels if label
recognition is enabled. If a match is found, the data is processed.
If a match is not found, no indicators of receiving ARINC data are
presented. Note that 00(Hex) is treated in the same way as any
other label value. Label bit significance is not changed by the
status of control register bit CR15. Label bits BD00-BD07 are
always compared to received ARINC bits 1 -8 respectively.
After a write that takes CR1 from 0 to 1, the next 16 writes of data
(
pulsed low) load label data into each location of the label
memory from the BD00 - BD07 pins. The
pin is used to write
label data for receiver 1 and
for receiver 2.
LOADING LABELS
PL
PL1
PL2
Note that ARINC
word reception is suspended during the label memory write
sequence.
Once a valid ARINC word is loaded into the FIFO, then EOS
clocks the data ready flag flip flop to a "1",
or
(or both)
will go low. The data flag for a receiver will remain low until
ARINC bytes from that receiver are retrieved and the FIFO is
empty. This is accomplished by first activating
with SEL, the
byte selector, low to retrieve the first byte and then activating
with SEL high to retrieve the second byte.
retrieves data
from receiver 1 and
retrieves data from receiver 2.
Up to 32 ARINC words may be loaded into each receiver’s FIFO.
The
(
) pin will go low when the receiver 1 (2) FIFO is full.
Failure to retrieve data from a full FIFO will cause the next valid
ARINC word received to overwrite the existing data in FIFO
location 32. A FIFO half full flag
(
) goes low if the FIFO
contains 16 or more received ARINC words. The
(
) pin is
intended to act as an interrupt flag to the system’s external
microprocessor, allowing a 16 word data retrieval routine to be
performed, without the user needing to continually poll the HI-
3584’s status register bits.
D/R1
D/R2
EN
EN
EN1
EN2
FF1 FF2
HF1 HF2
HF1 HF2
both
LABEL RECOGNITION
HOLT INTEGRATED CIRCUITS
6
HI-3584
HFT
FFT


Similar Part No. - HI-3584

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584 HOLTIC-HI-3584 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3584ACJI HOLTIC-HI-3584ACJI Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3584ACJI-15 HOLTIC-HI-3584ACJI-15 Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3584ACJIF HOLTIC-HI-3584ACJIF Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
More results

Similar Description - HI-3584

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com