Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6110PQI Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-6110PQI
Description  MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6110PQI Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-6110PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-6110PQI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TRANSMIT DATA FIFO (Write only) Write Address: X010
MIL-STD-1553 Message Data Word 15:0
15 14 13 12 11 10
9876543210
MSB
LSB
RECEIVE DATA FIFO (Read only) Read Address: 0100
MIL-STD-1553 Message Data Word 15:0
15 14 13 12 11 10
9876543210
MSB
LSB
MSB
LSB
15 14 13 12 11 10
9876543210
1
0
XX
X
0
REGISTER FORMATS (BC Mode)
HI-6110 (BUS CONTROLLER MODE)
CONTROL REGISTER (R/W) Write Address: X1XX, Read Address: 1100
The Control Register settings determine HI-6110 operating
mode, clock frequency and the bus enabled for transmit. It can
also be used to address registers for read/write operations, to
assert master reset, and to initiate MIL-STD-1553 message
sequences.
The Transmit Data FIFO is 32-words deep and holds MIL-
STD-1553 message data. The FIFO is cleared on Master
Reset.
Message data to be transmitted by the BC may be loaded into
the TRANSMIT DATA FIFO by the host prior to BCSTART.
Any data word must be loaded before mid-parity bit for the
1553 word it follows. Words are transmitted in the order they
are loaded.
The Receive Data FIFO is 32-words deep and holds MIL-
STD-1553 message data. The FIFO is cleared by Master
Reset or when BCSTART occurs.
All MIL-STD-1553 data words received by the BC are stored in
the Receive DATA FIFO. A low FFEMPTY flag (output pin or
Status register bit) means message data is available to be
read by the host. Successive data reads cause FFEMPTY to
go high when the last word is read.
HOLT INTEGRATED CIRCUITS
5
BIT
NAME
FUNCTION
15
-
Not used in BC mode
14
REPTO
Controls the time-out which causes the No Response Error.
0
17 usec Gap (equivalent to 57 usec for 5.2.1.7 of the RT Validation Test Plan)
1
131 usec Gap
13
-
12
CLKSEL
10 - 7
RA3:0
Register Address for HI-6110 register and data read and write operations. The register address is defined by
the logical OR of these bits and their corresponding input pins. Writting Control Register bits 10:7 to 0000 is
necessary if the RA0 - RA3 input pins are used for HI-6110 register addressing.
6-
5 - 4
TRB, TRA
BC
d
T
3 - 2
RTMODE,
HI-6110 mode select bits. These Control Register bits are logically OR'ed with their corresponding input pins,
BCMODE
allowing the user to select 1553 operating mode under either hardware or software control:
Not used in BC mode
Selects the frequency of the HI-6110 external CLK input, as follows:
CLKSEL
Value
0
24 MHz
1
12 MHz
11
Reserved
This bit must be written to “0”.
Not used in BC mode
Setting either TRA or TRB to "1" enables transmit on MIL-STD-1553 BUS A or BUS B. Setting both TRA and
TRB selects neither bus. The
protocol engine connects to the selected, active bus. The 1553 receiver,
Manchester ecoder and RCV output signal are still operational on the inactive bus. Valid words received on the
inactive bus can be read without changing active bus by reading the Bus A Word or Bus B Word register.
NOTE:
he TXINHA and TXINHB input pins can override bus enablement.
RTMODE
BCMODE
1553 OPERATING MODE
0
0
Bus Monitor (MT), with assigned RT address
0
1
Bus Controller (BC)
1
0
Remote Terminal (RT)
1
1
Bus Monitor (MT), without assigned RT address
1
BCSTART
If initially reset, writing a "1" to this bit initiates a BC message sequence. This bit should be reset before next
message.
0
MR
Master Reset. Writing "1" and then “0” to this bit performs the same function as pulsing the MR pin. All register
and data FIFOs are cleared when master reset is asserted. The Control Register is the exception; it is not
affected by Master Reset.


Similar Part No. - HI-6110PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results

Similar Description - HI-6110PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6140 HOLTIC-HI-6140 Datasheet
717Kb / 7P
   10 MBit/s MIL-STD-1553 3.3V BC / MT / RT
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com