Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMS05-T7 Datasheet(PDF) 4 Page - Protek Devices

Part # PSMS05-T7
Description  STANDARD CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMS05-T7 Datasheet(HTML) 4 Page - Protek Devices

  PSMS05-T7 Datasheet HTML 1Page - Protek Devices PSMS05-T7 Datasheet HTML 2Page - Protek Devices PSMS05-T7 Datasheet HTML 3Page - Protek Devices PSMS05-T7 Datasheet HTML 4Page - Protek Devices PSMS05-T7 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSMS05
thru
PSMS24C
4
05095.R5 3/07
www.protekdevices.com
APPLICATION NOTE
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
The path length between the TVS device and
the protected line should be minimized.
All conductive loops including power and ground
loops should be minimized.
The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
The PSMS Series are TVS arrays designed to protect I/O or data lines from the damaging effects of ESD or EFT. This product series provides both
unidirectional and bidirectional protection, with a surge capability of 350 Watts P
PP per line for an 8/20µs waveform and ESD protection > 25 kilovolts.
UNIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
The PSMS Series provides up to four (4) lines of protection in a common-mode configuration as depicted in Figure 1.
Circuit connectivity is as follows:
Line 1 is connected to Pin 1.
Line 2 is connected to Pin 3.
Line 3 is connected to Pin 4.
Line 4 is connected to Pin 6.
Pin 5 is connected to ground.
Pin 2 is not connected.
BIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 2)
The PSMSxxC Series provides up to four (4) lines of protection in a common-mode
configuration as depicted in Figure 2.
Circuit connectivity is as follows:
Line 1 is connected to Pin 1.
Line 2 is connected to Pin 3.
Line 3 is connected to Pin 4.
Line 4 is connected to Pin 5.
Pin 6 is connected to ground.
Pin 2 is not connected.
Figure 1 - Unidirectional Configuration
Common-Mode I/O Port Protection
3
1
5
6
2
4
LINE 1
LINE 2
LINE 3
LINE 4
Figure 2 - Bidirectional Configuration
Common-Mode I/O Port Protection
3
1
5
6
2
4
LINE 1
LINE 2
LINE 3
LINE 4


Similar Part No. - PSMS05-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMS05 PROTEC-PSMS05 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
PSMS05C PROTEC-PSMS05C Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMS05C PROTEC-PSMS05C Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
PSMS05C PROTEC-PSMS05C Datasheet
711Kb / 8P
   MULTI-LINE TVS ARRAY
More results

Similar Description - PSMS05-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com