Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3282CLI Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3282CLI
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3282CLI Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3282CLI Datasheet HTML 5Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 6Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 7Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 8Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 9Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 10Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 11Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 12Page - Holt Integrated Circuits HI-3282CLI Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HI-3282
(1) Internal lightning protection to DO-160D, Level 3 (-10 configurations only). Requires a 10 Kohm resistor in series
with each ARINC input to guarantee specified voltage thresholds.
(2) The 44-pin J-Lead PLCC package is rated as Moisture Sensitivity Level
moisture handling precautions.
(MSL) 1 and does not require special
ORDERING INFORMATION
HI - 3282
(Ceramic)
Cx x -xx
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
-55°C TO +125°C
NO
YES
T
M
PART
NUMBER
T
M
I
LEAD
FINISH
Tin / Lead (Sn / Pb) Solder
Gold
Gold
INPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
PART
NUMBER
25 Kohm
-10 (Note 1)
0
No dash number
35 Kohm
10 Kohm
PACKAGE
DESCRIPTION
40 PIN CERAMIC SIDE BRAZED DIP
PART
NUMBER
CD
CL
44 PIN CERAMIC LEADLESS CHIP CARRIER
HI - 3282
(Plastic)
Px x x -xx
PART
NUMBER
F
Blank
LEAD
FINISH
Tin / Lead (Sn / Pb) Solder
100% Matte Tin (Pb-free, RoHS compliant)
INPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
PART
NUMBER
25 Kohm
-10 (Note 1)
0
No dash number
35 Kohm
10 Kohm
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
-55°C TO +125°C
NO
YES
T
M
PART
NUMBER
T
M
I
44 PIN PLASTIC J-LEAD PLCC (Note 2)
PACKAGE
DESCRIPTION
PART
NUMBER
PJ
PQ
44 PIN PLASTIC QUAD FLAT PACK
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-3282CLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282CLI HOLTIC-HI-3282CLI Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282CLI-10 HOLTIC-HI-3282CLI-10 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-3282CLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com