Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6110PQIF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-6110PQIF
Description  MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6110PQIF Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-6110PQIF Datasheet HTML 2Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 3Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 4Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 5Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 6Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 7Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 8Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 9Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
HOLT INTEGRATED CIRCUITS
6
15 14 13 12 11 10
9876543210
MSB
LSB
RT Address
Subaddress /
Mode
Data Word Count /
Mode Code
15 14 13 12 11 10
9876543210
MSB
LSB
RT Address
Subaddress /
Mode
Data Word Count /
Mode Code
1
15 14 13 12 11 10
9876543210
MSB
LSB
RT Address
RRR
15 14 13 12 11 10
9876543210
MSB
LSB
RT Address
RRR
15 14 13 12 11 10
9876543210
MSB
LSB
Bus A/B Word 15:0
The Command Word 1 register is loaded by the host with the
MIL-STD-1553 Command Word to be issued by the Bus
Controller. Bit 10 should be set for Transmit, reset for Receive.
For RT to RT commands, Command Word 1 register holds the
receive command word and Command Word 2 register holds
the transmit command word.
Used only for RT-to-RT commands, the Command Word 2
register is loaded by the host with the MIL-STD-1553 transmit
Command Word addressed to the transmitting Remote
Terminal. The Command Word 1 register is loaded with the
receive Command Word addressed to the receiving Remote
Terminal.
If the next Message is not an RT-to-RT transfer, it is necessary
to write the Transmit/Receive bit 10 to “0”.
The Status Word 1 register holds the returned MIL-STD-1553
Status Word received from an RT responding to a BC issued
command.
For RT to RT commands, the Status Word 1 register captures
the status word returned by the receiving remote terminal,
while the Status Word 2 register captures the status word
returned by the transmitting remote terminal
Used only for RT to RT commands, the Status Word 2 register
captures the MIL-STD-1553 status word returned by the
transmitting remote terminal.
COMMAND WORD 1 REGISTER (Write only) Write Address: X000
COMMAND WORD 2 REGISTER (Write only) Write Address: X001
STATUS WORD 1 REGISTER (Read only) Read Address: 0000
STATUS WORD 2 REGISTER (Read only) Read Address: 0001
BC OPERATION
HI-6110 (BUS CONTROLLER MODE)
In BC mode, the Bus A Word register holds the last valid MIL-
STD-1553 word received on Bus A. The Bus B Word register
holds the last valid MIL-STD-1553 word received on Bus B.
While /STROBE is low to read a Bus Word register, the sync
type associated with the stored word can be determined from
the RF0 and RF1 pins. The RF1 signal is high for Command
Sync, the RF0 signal is high for Data Sync.
BUS
(Read only) Read Address: 1001
BUS B WORD REGISTER (Read only) Read Address: 1010
A WORD REGISTER


Similar Part No. - HI-6110PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results

Similar Description - HI-6110PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6140 HOLTIC-HI-6140 Datasheet
717Kb / 7P
   10 MBit/s MIL-STD-1553 3.3V BC / MT / RT
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com