Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6110PQIF Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-6110PQIF
Description  MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6110PQIF Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-6110PQIF Datasheet HTML 7Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 8Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 9Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 10Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 11Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 12Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 13Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 14Page - Holt Integrated Circuits HI-6110PQIF Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
HOLT INTEGRATED CIRCUITS
11
Receive
Command
Data
Word 1
Data
Word 2
Data
Word 3
From HI-6110 Bus Controller
MIL-STD-1553 Bus
BCSTART
STR
Host Write CW1 (Command Word)
Host Write Data FIFO (Data Word 1)
Host Write Data FIFO (Data Word 2)
Host Write Data FIFO (Data Word 3)
VALMESS
The HI-6110 Bus Controller issues a Broadcast Receive
Command with 3 data words to all Remote Terminals.
Example 7. Broadcast BC to RT(s) Transfer
Receive
Command
Data
Word 1
Data
Word 2
Status
Word (Tx)
From HI-6110 Bus Controller
From Transmitting RT
MIL-STD-1553 Bus
BCSTART
VALMESS
STR
Host Write CW1 (Receive Command)
Host Read SW2 (Status Word Tx)
Host Write CW2 (Transmit Command)
Transmit
Command
Host Read Data FIFO (Data Word 1)
Host Read Data FIFO (Data Word 2)
The HI-6110 Bus Controller issues a Broadcast RT to RT transfer
Command with 2 data words to a Remote Terminal on the bus.
The RT broadcasts the message and the Bus Controller validates
the RT response. The transmitted data words are captured by the
HI-6110 Bus Controller and may be read by the host controller.
Example 8. Broadcast RT to RT(s) Transfer
Mode Code
Command
From HI-6110 BC
MIL-STD-1553 Bus
BCSTART
VALMESS
STR
Host Write CW1 (Command Word)
The HI-6110 Bus Controller issues a Broadcast Mode Command
without data word to all Remote Terminals on the bus.
Example 9. Broadcast Mode Code without Data Word
Mode Code
Command
From HI-6110 BC
MIL-STD-1553 Bus
BCSTART
VALMESS
STR
Host Write CW1 (Command Word)
Host Write Data FIFO (Mode Data)
Mode
Data
The HI-6110 Bus Controller issues a Broadcast Mode Command
with data word to all Remote Terminals on the bus.
Example 10. Broadcast Mode Code with Data Word
EXAMPLE BC MIL-STD-1553 MESSAGE SEQUENCES
HI-6110 (BUS CONTROLLER MODE)


Similar Part No. - HI-6110PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results

Similar Description - HI-6110PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6140 HOLTIC-HI-6140 Datasheet
717Kb / 7P
   10 MBit/s MIL-STD-1553 3.3V BC / MT / RT
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com