Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3282CLM Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-3282CLM
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3282CLM Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-3282CLM Datasheet HTML 1Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 2Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 3Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 4Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 5Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 6Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 7Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 8Page - Holt Integrated Circuits HI-3282CLM Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FUNCTIONAL DESCRIPTION (cont.)
TRANSMITTER
A block diagram of the transmitter section is shown in Figure 3.
The FIFO is loaded sequentially by first pulsing
to load byte 1
and then
to load byte 2. The control logic automatically loads
the 31 bit word in the next available position of the FIFO. If TX/R,
the transmitter ready flag, is high (FIFO empty), then 8 words,
each 31 bits long, may be loaded. If TX/R is low, then only the
available positions may be loaded. If all 8 positions are full, the
FIFO ignores further attempts to load data.
When ENTX goes high, enabling transmission, the FIFO
positions are incremented with the top register loading into the
data transmission shift register. Within 2.5 data clocks the first
data bit appears at either 429DO or
. The 31 bits in the
data transmission shift register are presented sequentially to the
outputs in the ARINC 429 format with the following timing:
ARINC DATA BIT TIME
10 Clocks
80 Clocks
DATA BIT TIME
5 Clocks
40 Clocks
NULL BIT TIME
5 Clocks
40 Clocks
WORD GAP TIME
40 Clocks
320 Clocks
The word counter detects when all loaded positions are
transmitted and sets the transmitter ready flag, TX/R, high.
FIFO OPERATION
DATA TRANSMISSION
PL1
PL2
429DO
HIGH SPEED
LOW SPEED
TRANSMITTER PARITY
Control register bit BD04 (PAREN) enables parity bit insertion into
transmitter data bit 32. Parity is always inserted if DBCEN is open
or high. If DBCEN is low, logic 0 on PAREN inserts data on bit 32,
and logic 1 on PAREN inserts parity on bit 32.
HI-3282
The parity generator counts the ONES in the 31-bit word. If the BD12
control word bit is set low, the 32nd bit transmitted will make parity
odd. If the control bit is high, the parity is even.
If the BD05 control word bit is set low, 429DO or
are internally
connected to the receivers inputs, bypassing the interface circuitry.
Data to Receiver 1 is as transmitted and data to Recevier 2 is the
complement. 429DO and
outputs remain active during self
test.
The two receivers are independent of the transmitter. Therefore,
control of data exchanges is strictly at the option of the user. The only
restrictions are:
1. The received data may be overwritten if not retrieved within
one ARINC word cycle.
2. The FIFO can store 8 words maximum and ignores attempts
to load addition data if full.
3. Byte 1 of the transmitter data must be loaded first.
4. Either byte of the received data may be retrieved first. Both
bytes must be retrieved to clear the data ready flag.
5. After ENTX, transmission enable, goes high it cannot go low
until TX/R, transmitter ready flag, goes high. Otherwise, one
ARINC word is lost during transmission.
SELF TEST
SYSTEM OPERATION
429DO
429DO
MASTER RESET (
)
MR
On a Master Reset data transmission and reception are immedi-
ately terminated, the transmit FIFO and receivers cleared as are
the transmit and receive flags. The Control Register is not affected
by a Master Reset.
CONTROL REGISTER
BIT BD13
FIGURE 3.
TRANSMITTER BLOCK DIAGRAM
DATA
CLOCK
PL1
PL2
CLK
TX CLK
PARITY
GENERATOR
DATA AND
NULL TIMER
SEQUENCER
BIT
AND
WORD GAP
COUNTER
START
SEQUENCE
WORD COUNTER
AND
FIFO CONTROL
INCREMENT
WORD COUNT
DATA CLOCK
DIVIDER
FIFO
LOADING
SEQUENCER
429DO
429DO
8X31FIFO
31 BIT PARALLEL
LOAD SHIFT REGISTER
BIT CLOCK
WORD CLOCK
ADDRESS
LOAD
DATA BUS
TX/R
ENTX
CONTROL REGISTER BD04, BD12
DBCEN
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-3282CLM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282CLM HOLTIC-HI-3282CLM Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282CLM-10 HOLTIC-HI-3282CLM-10 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-3282CLM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com