Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8010PQT Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8010PQT
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8010PQT Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8010PQT Datasheet HTML 1Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-8010PQT Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HI-8010/HI-8110 Series
HOLT INTEGRATED CIRCUITS
6
ORDERING INFORMATION
HI -
J
- 85 (44-pin Plastic J Lead - PLCC)
8X10
x
PART
NUMBER
LEAD
FINISH
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
HI -
(Ceramic Leadless Chip Carrier - LCC)
8X10SM -xx
INPUT
LOGIC
NUMBER OF
SEGMENTS
8110SM
CMOS
30
TTL
38
PART
NUMBER
MASTER/
SLAVE
FLOW BURN
IN
LEAD
FINISH
Tin / Lead (Sn / Pb) Solder
-36
BOTH
M
YES
Tin / Lead (Sn / Pb) Solder
-32
BOTH
M
YES
PART
NUMBER
INPUT
LOGIC
8110PQ
CMOS
8010PQ
TTL
PART
NUMBER
TEMPERATURE
RANGE
-55°C TO +125°C
-55°C TO +125°C
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-40°C TO +85°C
NO
I
PART
NUMBER
INPUT
LOGIC
NUMBER OF
SEGMENTS
MASTER/
SLAVE
8110
CMOS
32
BOTH
8010
TTL
32
BOTH
HI -
(52-pin Plastic Quad Flat Pack - PQFP)
8X10PQ x x
PART
NUMBER
LEAD
FINISH
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
PART
NUMBER
NUMBER OF
SEGMENTS
MASTER/
SLAVE
T
38
BOTH
I
38
BOTH
8010SM
NUMBER
OF LEADS
40
48


Similar Part No. - HI-8010PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8010PQT HOLTIC-HI-8010PQT Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8010PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com